전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX584B5V1 데이터시트(PDF) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 BZX584B5V1
상세설명  ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BZX584B5V1 데이터시트(HTML) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BZX584B5V1 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX584B5V1 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX584B5V1 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX584B5V1 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BZX584B5V1 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0LQ
0D[
0LQ
0D[
A
0.510
0.770
0.020
0.031
A1
0.500
0.700
0.020
0.028
b
0.250
0.350
0.010
0.014
c
0.080
0.150
0.003
0.006
D
0.750
0.850
0.030
0.033
E
1.100
1.300
0.043
0.051
E1
1.500
1.700
0.059
0.067
E2
L
0.010
0.070
0.001
0.003
7° REF
6\PERO
'LPHQVLRQV ,Q 0LOOLPHWHUV
'LPHQVLRQV ,Q ,QFKHV
7° REF
0.200 REF
0.008 REF
62'3DFNDJH2XWOLQH'LPHQVLRQV
62'6XJJHVWHG3DG/D\RXW
www.cj-elec.com
4
C,Sep,2014


유사한 부품 번호 - BZX584B5V1

제조업체부품명데이터시트상세설명
logo
Tak Cheong Electronics ...
BZX584B5V1 TAK_CHEONG-BZX584B5V1 Datasheet
279Kb / 5P
   200mW SOD-523 SURFACE MOUNT
logo
Pan Jit International I...
BZX584B5V1 PANJIT-BZX584B5V1 Datasheet
99Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
BZX584B5V1 PANJIT-BZX584B5V1 Datasheet
105Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX584B5V1 TSC-BZX584B5V1 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
logo
Micro Commercial Compon...
BZX584B5V1 MCC-BZX584B5V1 Datasheet
509Kb / 4P
   Silicon 150 mWatt Zener Diodes
More results

유사한 설명 - BZX584B5V1

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com