전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R-6212D 데이터시트(PDF) 4 Page - Recom International Power

부품명 R-6212D
상세설명  1-2 AMP SIP12 Vertical & Horizontal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECOM [Recom International Power]
홈페이지  http://www.recom-international.com
Logo RECOM - Recom International Power

R-6212D 데이터시트(HTML) 4 Page - Recom International Power

  R-6212D Datasheet HTML 1Page - Recom International Power R-6212D Datasheet HTML 2Page - Recom International Power R-6212D Datasheet HTML 3Page - Recom International Power R-6212D Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R-6xxxP_D
Series
Table 1: Adjustment Resistor Values
INNOLINE
DC/DC-Converter
Standard Application Circuit
Vout
Com
Vin
TTL
Com
2, 3, 4
9, 10, 11
R-61XX
R-62XX
R1
(Adjust down)
R2
(Adjust up)
12
5, 6, 7,8
1µF
(Optional)
1
C1
OFF
ON
Q1
C2
100µF
ESR= 150mW max.
(Required)
Add a blocking diode to Vout if
current can flow backwards
into the output, as this can
damage the converter.
Protection diodes are
required for high capacitive
loads.
Refer to R-5xxxA Datasheet
(see Optional Diode Protection
Circuit) for circuit suggestions.
1.1Adc
R-611.8P/D
R-621.5P/D
R-613.3P/D
R-615.0P/D
R-619.0P/D
R-6112P/D
2.0Adc
R-621.8P/D
R-622.5P/D
R-623.3P/D
R-625.0P/D
R-629.0P/D
R-6212P/D
Vout (nominal)
1.8Vdc
2.5Vdc
3.3Vdc
5Vdc
9Vdc
12Vdc
Vout (adj)
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
1.5
13.6K
Ω
3.3K
Ω
1.8
8.2K
Ω
3.1K
Ω
820
Ω
2.0
10K
Ω
15K
Ω
5.1K
Ω
1.5K
Ω
2.5
5.1K
Ω
13K
Ω
3.6K
Ω
3.0
2.5K
Ω
10K
Ω
51K
Ω
7.0K
Ω
3.3
1.7K
Ω
5.9K
Ω
9.7K
Ω
0
Ω
0
Ω
3.6
1.2K
Ω
3.9K
Ω
18K
Ω
14K
Ω
1.5K
Ω
560
Ω
3.9
2.8K
Ω
9.1K
Ω
20K
Ω
3.3K
Ω
1.2K
Ω
4.5
1.6K
Ω
3.9K
Ω
60K
Ω
7.5K
Ω
2.1K
Ω
5.0
2.4K
Ω
11K
Ω
4.0K
Ω
5.1
2.2K
Ω
60K
Ω
12K
Ω
4.3K
Ω
5.5
1.6K
Ω
15K
Ω
17K
Ω
5.6K
Ω
6.0
1.1K
Ω
7.2K
Ω
24K
Ω
7.5K
Ω
7.0
2.8K
Ω
51K
Ω
12K
Ω
8.0
1.5K
Ω
130K
Ω
19K
Ω
9.0
880
Ω
31K
Ω
10
450
Ω
36K
Ω
55K
Ω
11
180
Ω
15K
Ω
125K
Ω
12
8.2K
Ω
13
4.7K
Ω
11K
Ω
14
2.7K
Ω
4.0K
Ω
15
1.3K
Ω
1.6K
Ω
I-54
www.recom-power.com
REV: 1/2016
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.


유사한 부품 번호 - R-6212D

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R-6212D RECOM-R-6212D Datasheet
83Kb / 4P
   INNOLINE DC/DC-Converter
R-6212D RECOM-R-6212D Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
More results

유사한 설명 - R-6212D

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_16 Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_16 Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
logo
Digitron Semiconductors
UT234 DIGITRON-UT234 Datasheet
179Kb / 4P
   RECTIFIERS 1 Amp to 2 Amp
logo
Elantec Semiconductor
EL4331C ELANTEC-EL4331C Datasheet
1Mb / 13P
   Triple 2:1 Mux-Amp AV = 1
logo
Renesas Technology Corp
EL4331 RENESAS-EL4331 Datasheet
1Mb / 10P
   Triple 2:1 Mux-Amp AV = 1
May 12, 2004
logo
Intersil Corporation
EL4331 INTERSIL-EL4331 Datasheet
790Kb / 10P
   Triple 2:1 Mux-Amp AV = 1
logo
PEAK electronics GmbH
PS10GG-1205E21H10 PEAK-PS10GG-1205E21H10 Datasheet
203Kb / 3P
   PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com