전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R-739.0P 데이터시트(PDF) 3 Page - Recom International Power

부품명 R-739.0P
상세설명  2, 3, 4 AMP SIP12 Vertical & Horizontal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECOM [Recom International Power]
홈페이지  http://www.recom-international.com
Logo RECOM - Recom International Power

R-739.0P 데이터시트(HTML) 3 Page - Recom International Power

  R-739.0P Datasheet HTML 1Page - Recom International Power R-739.0P Datasheet HTML 2Page - Recom International Power R-739.0P Datasheet HTML 3Page - Recom International Power R-739.0P Datasheet HTML 4Page - Recom International Power R-739.0P Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
R-7xxxP_D
Series
INNOLINE
DC/DC-Converter
Characteristics
50
5
Ripple Vs Vin
Vo=9V
Vo=3.3V
Vo=5V
Vo=12V
25
Vin ( V )
10
15
20
25
28
Vo=6.5V
Vo=15V
( Vo )
100
5
Ripple Vs Vin
3.3V
5V
50
Vin ( V )
10
15
20
25
28
6.5V
( Vo )
R-72xx / R-73xx
Ripple VS Vin
R-74xx
Ripple VS Vin
100
5
Efficiency Vs Vin
3.3V
5V
50
Vin ( V )
10
15
20
25
28
6.5V
15V
( Vo )
100
5
Efficiency Vs Vin
Vo=3.3V
Vo=5V
50
Vin ( V )
10
15
20
25
28
Vo=6.5V
( Vo )
R-72xx / R-73xx
Efficiency VS Vin
R-74xx
Efficiency VS Vin
100
14
2
3
90
Efficiency Vs Iout (Vin=Min)
80
70
6.5V
3.3V
5.0V
( Vo )
100
14
2
3
90
Efficiency Vs Iout (Vin=Max)
80
60
15V
3.3V
5.0V
( Vo )
R-72xx / R-73xx / R-74xx
Efficiency / Load Vin=Min
R-72xx / R-73xx / R-74xx
Efficiency / Load Vin=Max
www.recom-power.com
I-57
REV: 2/2016


유사한 부품 번호 - R-739.0P

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R-739.0P RECOM-R-739.0P Datasheet
90Kb / 5P
   INNOLINE DC/DC-Converter
R-739.0P RECOM-R-739.0P Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
More results

유사한 설명 - R-739.0P

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_16 Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_16 Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
logo
PEAK electronics GmbH
PZ8GG-0505ZH30 PEAK-PZ8GG-0505ZH30 Datasheet
178Kb / 2P
   PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
logo
New Jersey Semi-Conduct...
UT2005 NJSEMI-UT2005 Datasheet
92Kb / 2P
   Standard Recovery, 2 Amp to 4 Amp
logo
PEAK electronics GmbH
PS10GG-1205E21H10 PEAK-PS10GG-1205E21H10 Datasheet
203Kb / 3P
   PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
PZ8GG-0505EH30 PEAK-PZ8GG-0505EH30 Datasheet
179Kb / 2P
   PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
logo
Belden Inc.
1227A1 BELDEN-1227A1 Datasheet
162Kb / 2P
   Category 3 Horizontal Cable, 2 Pair, U/UTP, CMR
2022 Belden, Inc
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com