|
| DM5417 |
|
||
|
NSC |
|
4 page
Physical Dimensions inches (millimeters) (Continued) 14-Lead Ceramic Flat Package (W) Order Number DM5417W NS Package Number W14B LIFE SUPPORT POLICY NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL SEMICONDUCTOR CORPORATION As used herein 1 Life support devices or systems are devices or 2 A critical component is any component of a life systems which (a) are intended for surgical implant support device or system whose failure to perform can into the body or (b) support or sustain life and whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system or to affect its safety or with instructions for use provided in the labeling can effectiveness be reasonably expected to result in a significant injury to the user National Semiconductor National Semiconductor National Semiconductor National Semiconductor Corporation Europe Hong Kong Ltd Japan Ltd 1111 West Bardin Road Fax (a49) 0-180-530 85 86 13th Floor Straight Block Tel 81-043-299-2309 Arlington TX 76017 Email cnjwge tevm2nsccom Ocean Centre 5 Canton Rd Fax 81-043-299-2408 Tel 1(800) 272-9959 Deutsch Tel (a49) 0-180-530 85 85 Tsimshatsui Kowloon Fax 1(800) 737-7018 English Tel (a49) 0-180-532 78 32 Hong Kong Fran ais Tel (a49) 0-180-532 93 58 Tel (852) 2737-1600 Italiano Tel (a49) 0-180-534 16 80 Fax (852) 2736-9960 National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications |
|
관련 부품명 |
| 부품명 | 상세내용 | Html View | 제조사 |
| DM7417 | Hex Buffers with High Voltage Open-Collector Outputs | 1 2 3 4 | Fairchild Semiconductor |
| DM5406 | Hex Inverting Buffers with High Voltage Open-Collector Outputs | 1 2 3 4 | National Semiconductor |
| DM7406 | Hex Inverting Buffers with High Voltage Open-Collector Outputs | 1 2 3 4 | Fairchild Semiconductor |
| DM5407 | Hex Buffers with High Voltage Open-Collector Outputs | 1 2 3 4 | National Semiconductor |
| DM7407 | Hex Buffers with High Voltage Open-Collector Outputs | 1 2 3 4 | Fairchild Semiconductor |
| DM7416 | Hex Inverting Buffers with High Voltage Open-Collector Outputs | 1 2 3 | Fairchild Semiconductor |
| HD151005 | Octal Inverter Buffers/Drivers With Open Drain High Voltage Outputs | 1 2 3 4 5 More | Hitachi Semiconductor |
| IN74LS06 | Hex Inverted Buffers with Open-Collector Outputs | 1 2 3 | Integral Corp. |
| SN54ALS1005 | HEX INVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS | 1 2 3 4 | Texas Instruments |
| DM7426 | Quad 2-Input NAND Gates with High Voltage Open-Collector Outputs | 1 2 3 | Fairchild Semiconductor |
링크 URL |
Alldatasheet 제휴사 |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인 정보 보호 정책 | 즐겨찾기 | 링크교환 | 제조사별 검색 All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |