전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESW158M6R3AH4 데이터시트(PDF) 4 Page - Kemet Corporation

부품명 ESW158M6R3AH4
상세설명  Single-Ended Aluminum Electrolytic Capacitors ESW Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESW158M6R3AH4 데이터시트(HTML) 4 Page - Kemet Corporation

  ESW158M6R3AH4 Datasheet HTML 1Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 2Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 3Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 4Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 5Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 6Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 7Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 8Page - Kemet Corporation ESW158M6R3AH4 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4009_ESW • 1/6/2016
Single-Ended Aluminum Electrolytic Capacitors – ESW Series, +105ºC
Performance Characteristics
Item
Performance Characteristics
Capacitance Range
2.2 – 15,000 µF
Capacitance Tolerance
±20% at 120 Hz / 20°C
Rated Voltage
6.3 – 100 VDC
Life Test
3,000 – 6,000 hours (see conditions in Test Method & Performance)
Operating Temperature
-40°C to +105°C
Leakage Current
I≤0.01CVor3µA,whicheverisgreater
C = rated capacitance (µF), V = rated voltage (VDC). Voltage applied for 2 minutes at 20°C.
Impedance Z Characteristics at 120 Hz
Rated Voltage (VDC)
6
10
16
25
35
50
63
100
Z (-25°C)/Z (20°C)
4
3
2
2
2
2
2
2
Z (-40°C)/Z (20°C)
8
6
4
3
3
3
3
3
Compensation Factor of Ripple Current (RC) vs. Frequency
Capacitance Range (μF)
120 Hz
1 kHz
10 kHz
100 kHz
2.2 - 180
0.40
0.75
0.90
1.00
220 - 560
0.50
0.85
0.94
1.00
680 - 1800
0.60
0.87
0.95
1.00
2200 - 3900
0.75
0.90
0.95
1.00
4700 – 15000
0.85
0.95
0.98
1.00


유사한 부품 번호 - ESW158M6R3AH4

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
ESW105-A ADVANTECH-ESW105-A Datasheet
180Kb / 2P
   5FE Slim-type Unmanaged Industrial Ethernet Switch with Low Vac Power Input
15-Aug-2019
logo
List of Unclassifed Man...
ESW105-ML ETC2-ESW105-ML Datasheet
465Kb / 3P
   Ultra Compact Industrial Ethernet Switches
logo
Kemet Corporation
ESW107M016AE3EA KEMET-ESW107M016AE3EA Datasheet
97Kb / 1P
   ESW, Aluminum Electrolytic, 105C LowZ, 100 uF, 20%, 16 V, -40/105C, Lead Spacing = 2.5mm
logo
Advantech Co., Ltd.
ESW108-A ADVANTECH-ESW108-A Datasheet
191Kb / 2P
   8FE Slim-type Unmanaged Industrial Ethernet Switch with Low Vac Power Input
15-Aug-2019
More results

유사한 설명 - ESW158M6R3AH4

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
ESZ336M160AH4AA KEMET-ESZ336M160AH4AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ESL106M016AC3AA KEMET-ESL106M016AC3AA Datasheet
4Mb / 26P
   Single-Ended Aluminum Electrolytic Capacitors
ESU336M160AH8AA KEMET-ESU336M160AH8AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ETA157M6R3AC3AA KEMET-ETA157M6R3AC3AA Datasheet
4Mb / 21P
   Single-Ended Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com