전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4937 데이터시트(PDF) 5 Page - Leshan Radio Company

부품명 1N4937
상세설명  Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4937 데이터시트(HTML) 5 Page - Leshan Radio Company

  1N4937 Datasheet HTML 1Page - Leshan Radio Company 1N4937 Datasheet HTML 2Page - Leshan Radio Company 1N4937 Datasheet HTML 3Page - Leshan Radio Company 1N4937 Datasheet HTML 4Page - Leshan Radio Company 1N4937 Datasheet HTML 5Page - Leshan Radio Company 1N4937 Datasheet HTML 6Page - Leshan Radio Company 1N4937 Datasheet HTML 7Page - Leshan Radio Company 1N4937 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
标题:
5.1.4 编带规格
Unit:mm
编带尺寸
26/tape
35/tape
40/tape
42/tape
52/tape
52/tape#
W
26 0.0/+1.6
35 -1.0/+0.540 -1.0/+0.5
42 -1.0/+1.0
52 -1.0/+2.0 52 -1.0/+2.0
P
5±0.5
5±0.5
5±0.5
5±0.5
 5±0.5
 10±0.5
L1-L2
<1.0
<1.0
<1.0
<1.0
<1.2
<1.2
H
6±1.0
6±1.0
6±1.0
6±1.0
 6±1.0
 6±1.0
Z
<1.0
<1.0
<1.0
<1.0
<1.0
<1.0
R
<1.0
<1.0
<1.0
<1.0
<1.0
<1.0
T
>3.5
>3.5
>3.5
>3.5
>3.5
>3.5
注: 52编带# 为DO-201AD编带规格
1. 红白编带厚度为0.05mm;两种胶带各自之间无明显色差;编带要求均为胶带。
2. 两端引带20~40cm.
3. 红色编带一端为二极管“负极”;白色编带一端为二极管“正极”。
4. 无卤(无卤产品才贴)
文件编号: WI-251
第 6 版
第 0 次修改
4
塑封生产线轴向产品包装规范
尺寸代号
Gree


유사한 부품 번호 - 1N4937

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
1N4937 PANJIT-1N4937 Datasheet
40Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
HY ELECTRONIC CORP.
1N4937 HY-1N4937 Datasheet
827Kb / 3P
   Fast Recovery Recitifiers
logo
Motorola, Inc
1N4937 MOTOROLA-1N4937 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Kingtronics Internation...
1N4937 KINGTRONICS-1N4937 Datasheet
168Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
1N4937 CHENYI-1N4937 Datasheet
168Kb / 2P
   FAST RECOVERY RECTIFIER
More results

유사한 설명 - 1N4937

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
FR105 LRC-FR105 Datasheet
199Kb / 7P
   Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Fast Switching Rectifiers
1E5 LRC-1E5_15 Datasheet
219Kb / 7P
   Reverse Voltage 50 to 600V Forward Current 1.0A
1E1 LRC-1E1 Datasheet
219Kb / 7P
   Fast Recovery ectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA160 LRC-LUMA160 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
   Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SF11G LRC-SF11G Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Rugao Dachang Electroni...
SF11 DACHANG-SF11 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com