전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP64-04W 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 BAP64-04W
상세설명  Pin Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAP64-04W 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAP64-04W Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-04W Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-04W Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-04W Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-04W Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-323 Plastic-Encapsulate Diodes
BAP64-04W,05W,06W
Pin Diode
FEATURE
z High voltage ,current controlled
z RF resistor for RF attenuators and switches
z Low diode capacitance
z Low diode forward resistance
z Low series inductance
z For applications up to 3 GHz
APPLICATION
z RF attenuators and switches
BAP64-04W
BAP64-05W
BAP64-06W
Maximum Ratings (Ta=25
unless otherwise specified)
Parameter
Symbol
Value
Unit
Continuous reverse voltage
VR
175
V
Continuous forward current
IF
100
mA
Power dissipation
PD
200
mW
Thermal resistance from junction to ambient
R JA
625
/W
Junction temperature
Tj
150
Storage temperature
Tstg
-55~+150
SOT-323
www.cj-elec.com
1
C,Sep,2015
BA
P64-04W
BA
P64-05W
BA
P64-06W
Solid dot = Green molding compound device,if none,
the normal device.


유사한 부품 번호 - BAP64-04W

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAP64-04W PHILIPS-BAP64-04W Datasheet
63Kb / 8P
   Silicon PIN diode
2001 Jan 29
BAP64-04W NXP-BAP64-04W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Micro Commercial Compon...
BAP64-04W MCC-BAP64-04W Datasheet
517Kb / 3P
   Low diode capacitance
logo
SeCoS Halbleitertechnol...
BAP64-04WS SECOS-BAP64-04WS Datasheet
140Kb / 2P
   Small Signal General Purpose PiN Diode
logo
SEC Electronics Inc.
BAP64-04WS SECELECTRONICS-BAP64-04WS Datasheet
140Kb / 2P
   Small Signal General Purpose PiN Diode
More results

유사한 설명 - BAP64-04W

제조업체부품명데이터시트상세설명
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
   Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
   PIN DIODE
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
logo
AUK corp
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
   PIN DIODE
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
   PIN DIODE
logo
Solid States Devices, I...
RC0130A SSDI-RC0130A_15 Datasheet
137Kb / 2P
   PIN DIODE
logo
Rohm
RN142GT2R ROHM-RN142GT2R Datasheet
114Kb / 3P
   PIN diode
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
   PIN diode
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com