전자부품 데이터시트 검색엔진 |
|
AD8512ARZ 데이터시트(PDF) 4 Page - Analog Devices |
|
AD8512ARZ 데이터시트(HTML) 4 Page - Analog Devices |
4 / 20 page AD8510/AD8512/AD8513 Rev. E | Page 4 of 20 ELECTRICAL CHARACTERISTICS @ VS = ±15 V, VCM = 0 V, TA = 25°C, unless otherwise noted. Table 2. Parameter Symbol Conditions Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage (B Grade)1 VOS 0.08 0.4 mV −40°C < TA < +125°C 0.8 mV Offset Voltage (A Grade) VOS 0.1 1.0 mV −40°C < TA < +125°C 1.8 mV Input Bias Current IB 25 80 pA −40°C < TA < +85°C 0.7 nA −40°C < TA < +125°C 10 nA Input Offset Current IOS 6 75 pA −40°C < TA < +85°C 0.3 nA −40°C < TA < +125°C 0.5 nA Input Capacitance Differential 12.5 pF Common-Mode 11.5 pF Input Voltage Range −13.5 +13.0 V Common-Mode Rejection Ratio CMRR VCM = −12.5 V to +12.5 V 86 108 dB Large Signal Voltage Gain AVO VO = −13.5 V to +13.5 V 115 196 V/mV RL = 2 kΩ, VCM = 0 V Offset Voltage Drift (B Grade)1 ∆VOS/∆T 1.0 5 µV/°C Offset Voltage Drift (A Grade) ∆VOS/∆T 1.7 12 µV/°C OUTPUT CHARACTERISTICS Output Voltage High VOH RL = 10 kΩ +14.0 +14.2 V Output Voltage Low VOL −40°C < TA < +125°C −14.9 −14.6 V Output Voltage High VOH RL = 2 kΩ +13.8 +14.1 V Output Voltage Low VOL −40°C < TA < +125°C –14.8 −14.5 V Output Voltage High VOH RL = 600 Ω, TA = 25°C +13.5 +13.9 V −40°C < TA < +125°C 11.4 V Output Voltage Low VOL RL = 600 Ω, TA = 25°C −14.3 −13.8 V −40°C < TA < +125°C −12.1 V Output Current IOUT ±70 mA POWER SUPPLY Power Supply Rejection Ratio PSRR VS = ±4.5 V to ±18 V 86 dB Supply Current/Amplifier ISY AD8510/AD8512/AD8513 VO = 0 V 2.2 2.5 mA AD8510/AD8512 −40°C < TA < +125°C 2.6 mA AD8513 −40°C < TA < +125°C 3.0 mA DYNAMIC PERFORMANCE Slew Rate SR RL = 2 kΩ 20 V/µs Gain Bandwidth Product GBP 8 MHz Settling Time tS To 0.1%, 0 V to 10 V Step, G = +1 0.5 µs To 0.01%, 0 V to 10 V Step, G = +1 0.9 µs THD + Noise THD + N 1 kHz, G = +1, RL = 2 kΩ 0.0005 % Phase Margin ΦO 52 Degrees |
유사한 부품 번호 - AD8512ARZ |
|
유사한 설명 - AD8512ARZ |