전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ACT257 데이터시트(PDF) 4 Page - Texas Instruments

부품명 54ACT257
상세설명  Quad 2-Input Multiplexer with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT257 데이터시트(HTML) 4 Page - Texas Instruments

  54ACT257 Datasheet HTML 1Page - Texas Instruments 54ACT257 Datasheet HTML 2Page - Texas Instruments 54ACT257 Datasheet HTML 3Page - Texas Instruments 54ACT257 Datasheet HTML 4Page - Texas Instruments 54ACT257 Datasheet HTML 5Page - Texas Instruments 54ACT257 Datasheet HTML 6Page - Texas Instruments 54ACT257 Datasheet HTML 7Page - Texas Instruments 54ACT257 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OBSOLETE
54AC257, 54ACT257
SNOS102B – JULY 1998 – REVISED APRIL 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC +0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to VCC +0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC +0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to VCC +0.5V
DC Output Source or Sink Current (IO)
±50 mA
DC VCC or Ground Current Per Output Pin (ICC or IGND)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature (TJ)
CDIP
175°C
(1)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading
variables. Texas Instruments does not recommend operation of FACT™ circuits outside databook specifications.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
RECOMMENDED OPERATINGCONDITIONS
Supply Voltage (VCC)
'AC
2.0V to 6.0V
'ACT
4.5V to 5.5V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
54AC/ACT
−55°C to +125°C
Minimum Input Edge Rate (
ΔV/Δt)
VIN from 30% to 70% of VCC
'AC Devices
VCC @ 3.3V, 4.5V, 5.5V
125 mV/ns
Minimum Input Edge Rate (
ΔV/Δt)
VIN from 0.8V to 2.0V
'ACT Devices
VCC @ 4.5V, 5.5V
125 mV/ns
DC CHARACTERISTICS FOR 'AC FAMILY DEVICES
54AC
VCC
TA =
Symbol
Parameter
Units
Conditions
(V)
−55°C to +125°C
Ensured Limits
VIH
Minimum High Level Input Voltage
3.0
2.1
VOUT = 0.1V
4.5
3.15
V
or VCC − 0.1V
5.5
3.85
VIL
Maximum Low Level Input Voltage
3.0
0.9
VOUT = 0.1V
4.5
1.35
V
or VCC − 0.1V
5.5
1.65
VOH
Minimum High Level Output Voltage
3.0
2.9
IOUT = −50 μA
4.5
4.4
V
5.5
5.4
VIN = VIL or VIH
(1)
3.0
2.4
−12 mA
4.5
3.7
V
IOH
−24 mA
5.5
4.7
−24 mA
(1)
All outputs loaded; thresholds on input associated with output under test.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: 54AC257 54ACT257


유사한 부품 번호 - 54ACT257

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ACT257F NSC-54ACT257F Datasheet
120Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54ACT257L NSC-54ACT257L Datasheet
120Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
More results

유사한 설명 - 54ACT257

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC257 NSC-54AC257 Datasheet
120Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F258ADM NSC-54F258ADM Datasheet
159Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54AC258 TI1-54AC258 Datasheet
188Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F258A TI1-54F258A Datasheet
409Kb / 10P
[Old version datasheet]   54F258A 74F258A Quad 2-Input Multiplexer with TRI-STATE(RM) Outputs
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com