전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54AC258 데이터시트(PDF) 7 Page - Texas Instruments

부품명 54AC258
상세설명  Quad 2-Input Multiplexer with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

54AC258 데이터시트(HTML) 7 Page - Texas Instruments

Back Button 54AC258 Datasheet HTML 2Page - Texas Instruments 54AC258 Datasheet HTML 3Page - Texas Instruments 54AC258 Datasheet HTML 4Page - Texas Instruments 54AC258 Datasheet HTML 5Page - Texas Instruments 54AC258 Datasheet HTML 6Page - Texas Instruments 54AC258 Datasheet HTML 7Page - Texas Instruments 54AC258 Datasheet HTML 8Page - Texas Instruments 54AC258 Datasheet HTML 9Page - Texas Instruments 54AC258 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AC Electrical Characteristics
54AC
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 8)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
3.3
1.0
12.0
ns
I
n to Zn
5.0
1.0
9.5
t
PHL
Propagation Delay
3.3
1.0
10.5
ns
I
n to Zn
5.0
1.0
7.5
t
PLH
Propagation Delay
3.3
1.0
15.0
ns
StoZ
n
5.0
1.0
11.5
t
PHL
Propagation Delay
3.3
1.0
14.0
ns
StoZ
n
5.0
1.0
10.5
t
PZH
Output Enable Time
3.3
1.0
11.5
ns
5.0
1.0
9.0
t
PZL
Output Enable Time
3.3
1.0
10.5
ns
5.0
1.0
8.5
t
PHZ
Output Disable Time
3.3
1.0
11.5
ns
5.0
1.0
9.5
t
PLZ
Output Disable Time
3.3
1.0
10.5
ns
5.0
1.0
8.5
Note 8: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Electrical Characteristics
54ACT
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 9)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
5.0
1.0
10.5
ns
I
n to Zn
t
PHL
Propagation Delay
5.0
1.0
9.0
ns
I
n to Zn
t
PLH
Propagation Delay
5.0
1.0
13.0
ns
StoZ
n
t
PHL
Propagation Delay
5.0
1.0
12.0
ns
StoZ
n
t
PZH
Output Enable Time
5.0
1.0
10.5
ns
t
PZL
Output Enable Time
5.0
1.0
10.0
ns
t
PHZ
Output Disable Time
5.0
1.0
10.5
ns
t
PLZ
Output Disable Time
5.0
1.0
10.0
ns
Note 9: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
55.0
pF
V
CC = 5.0V
Capacitance
www.national.com
6


유사한 부품 번호 - 54AC258

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC258 NSC-54AC258 Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258D NSC-54AC258D Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC258DMQB NSC-54AC258DMQB Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258F NSC-54AC258F Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
More results

유사한 설명 - 54AC258

제조업체부품명데이터시트상세설명
logo
Texas Instruments
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC257 NSC-54AC257 Datasheet
120Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F258ADM NSC-54F258ADM Datasheet
159Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54F258A TI1-54F258A Datasheet
409Kb / 10P
[Old version datasheet]   54F258A 74F258A Quad 2-Input Multiplexer with TRI-STATE(RM) Outputs
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com