전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC08500 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC08500
상세설명  High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08500 데이터시트(HTML) 1 Page - Texas Instruments

  ADC08500 Datasheet HTML 1Page - Texas Instruments ADC08500 Datasheet HTML 2Page - Texas Instruments ADC08500 Datasheet HTML 3Page - Texas Instruments ADC08500 Datasheet HTML 4Page - Texas Instruments ADC08500 Datasheet HTML 5Page - Texas Instruments ADC08500 Datasheet HTML 6Page - Texas Instruments ADC08500 Datasheet HTML 7Page - Texas Instruments ADC08500 Datasheet HTML 8Page - Texas Instruments ADC08500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
ADC08500
www.ti.com
SNAS373E – MAY 2007 – REVISED APRIL 2013
ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
Check for Samples: ADC08500
1
FEATURES
DESCRIPTION
The ADC08500 is a low power, high performance
2
Internal Sample-and-Hold
CMOS
analog-to-digital
converter
that
digitizes
Single +1.9V ±0.1V Operation
signals to 8 bits resolution at sampling rates up to
Choice of SDR or DDR Output Clocking
500 MSPS. Consuming a typical 0.8 Watts at 500
MSPS from a single 1.9 Volt supply, this device is
Multiple ADC Synchronization Capability
ensured to have no missing codes over the full
Ensured No Missing Codes
operating temperature range. The unique folding and
Serial Interface for Extended Control
interpolating
architecture,
the
fully
differential
comparator design, the innovative design of the
Fine Adjustment of Input Full-Scale Range and
internal sample-and-hold amplifier and the self-
Offset
calibration scheme enable a very flat response of all
Duty Cycle Corrected Sample Clock
dynamic parameters beyond Nyquist, producing a
high 7.5 ENOB with a 250 MHz input signal and a
APPLICATIONS
500 MHz sample rate while providing a 10-18 B.E.R.
Output formatting is offset binary and the LVDS
Direct RF Down Conversion
digital outputs are compatible with IEEE 1596.3-1996,
Digital Oscilloscopes
with the exception of an adjustable common mode
Satellite Set-top Boxes
voltage between 0.8V and 1.2V.
Communications Systems
The converter has a 1:2 demultiplexer that feeds two
Test Instrumentation
LVDS buses and reduces the output data rate on
each bus to half the sampling rate.
KEY SPECIFICATIONS
The converter typically consumes less than 3.5 mW
Resolution 8 Bits
in the Power Down Mode and is available in a 128-
lead, thermally enhanced exposed pad HLQFP and
Max Conversion Rate 500 MSPS (min)
operates over the Industrial (-40°C
≤ TA ≤ +85°C)
Bit Error Rate 10-18 (typ)
temperature range.
ENOB @ 250 MHz Input 7.5 Bits (typ)
DNL ±0.15 LSB (typ)
Power Consumption
Operating 0.8 W (typ)
Power Down Mode 3.5 mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - ADC08500

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08500 TI1-ADC08500 Datasheet
856Kb / 46P
[Old version datasheet]   ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08500CIYB NSC-ADC08500CIYB Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500CIYB NSC-ADC08500CIYB Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
More results

유사한 설명 - ADC08500

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08500 TI1-ADC08500_14 Datasheet
856Kb / 46P
[Old version datasheet]   ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502 Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com