전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADR433BRZ-REEL7 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADR433BRZ-REEL7
상세설명  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADR433BRZ-REEL7 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADR433BRZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR433BRZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR433BRZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR433BRZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR433BRZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR433BRZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR433BRZ-REEL7 Datasheet HTML 11Page - Analog Devices ADR433BRZ-REEL7 Datasheet HTML 12Page - Analog Devices ADR433BRZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. B | Page 9 of 24
ABSOLUTE MAXIMUM RATINGS
@ 25°C, unless otherwise noted.
Table 8.
Parameter
Rating
Supply Voltage
20 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range (R, RM Packages)
−65°C to +125°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature Range (Soldering, 60 s)
300°C
PACKAGE TYPE
Table 9.
Package Type
θJA1
θJC
Unit
8-Lead SOIC (R)
130
43
°C/W
8-Lead MSOP (RM)
190
°C/W
1 θJA is specified for worst-case conditions (device soldered in circuit board for
surface-mount packages).
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions beyond those indicated in the operational
sections of this specification is not implied. Absolute maximum
ratings apply individually only, not in combination.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


유사한 부품 번호 - ADR433BRZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR433BRZ-REEL7 AD-ADR433BRZ-REEL7 Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR433BRZ-REEL7 AD-ADR433BRZ-REEL7 Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
Rev. J
ADR433BRZ-REEL7 AD-ADR433BRZ-REEL7 Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
More results

유사한 설명 - ADR433BRZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR434TRZ-EP AD-ADR434TRZ-EP Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
Rev. J
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR445 AD-ADR445_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440 Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443 AD-ADR443_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com