전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA0683 데이터시트(PDF) 2 Page - Panasonic Semiconductor

부품명 2SA0683
상세설명  Silicon PNP epitaxial planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA0683 데이터시트(HTML) 2 Page - Panasonic Semiconductor

  2SA0683 Datasheet HTML 1Page - Panasonic Semiconductor 2SA0683 Datasheet HTML 2Page - Panasonic Semiconductor 2SA0683 Datasheet HTML 3Page - Panasonic Semiconductor 2SA0683 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA0683, 2SA0684
2
SJC00001CED
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
PC  Ta
IC  VCE
IC  IB
fT  IE
Cob  VCB
VCER  RBE
0
160
40
120
80
0
1.2
1.0
0.8
0.6
0.4
0.2
Ambient temperature T
a (°C)
0
−10
−8
−2
−6
−4
0
−1.5
−1.25
−1.0
− 0.75
− 0.50
− 0.25
IB
= −10 mA
−9 mA
−8 mA
−7 mA
−6 mA
−5 mA
−4 mA
−3 mA
−2 mA
−1 mA
Ta
= 25°C
Collector-emitter voltage V
CE (V)
0
−12
−10
−8
−2
−6
−4
0
−1.2
−1.0
− 0.8
− 0.6
− 0.4
− 0.2
VCE
= −10 V
Ta
= 25°C
Base current I
B (mA)
− 0.01
− 0.1
−1
−10
− 0.01
− 0.1
−1
−10
−100
Ta
= 75°C
25
°C
−25°C
IC / IB
= 10
Collector current I
C (A)
− 0.01
− 0.1
−1
−10
− 0.01
− 0.1
−1
−10
−100
IC / IB
= 10
Ta
= −25°C
25
°C
75
°C
Collector current I
C (A)
− 0.01
− 0.1
−1
−10
0
600
500
400
300
200
100
VCE
= −10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (A)
1
10
100
0
200
160
120
80
40
VCB
= −10 V
Ta
= 25°C
Emitter current I
E (mA)
−1
−10
−100
0
50
40
30
20
10
IE
= 0
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)
0.1
1
10
100
0
−120
−100
−80
−60
−40
−20
IC
= −10 mA
Ta
= 25°C
2SA0684
2SA0683
Base-emitter resistance R
BE (kΩ)


유사한 부품 번호 - 2SA0683

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SA0719 PANASONIC-2SA0719 Datasheet
81Kb / 4P
   For low-frequency power amplification and driver amplification Complementary
2SA0720 PANASONIC-2SA0720 Datasheet
81Kb / 4P
   For low-frequency power amplification and driver amplification Complementary
2SA0720A PANASONIC-2SA0720A Datasheet
72Kb / 3P
   For low-frequency driver amplification Complementary
2SA0777 PANASONIC-2SA0777 Datasheet
81Kb / 4P
   For low-frequency driver amplification Complementary
2SA0794 PANASONIC-2SA0794 Datasheet
101Kb / 4P
   Silicon PNP epitaxial planar type
More results

유사한 설명 - 2SA0683

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com