전자부품 데이터시트 검색엔진 |
|
ADC10040 데이터시트(PDF) 1 Page - Texas Instruments |
|
ADC10040 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 27 page ADC10040 www.ti.com SNAS224M – JULY 2003 – REVISED APRIL 2013 ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter Check for Samples: ADC10040 1 FEATURES DESCRIPTION The ADC10040 is a monolithic CMOS analog-to- 2 • Single +3.0V Operation digital converter capable of converting analog input • Selectable 2.0 VP-P, 1.5 VP-P, or 1.0 VP-P full- signals into 10-bit digital words at 40 Megasamples scale input swing per second (MSPS). This converter uses a • 400 MHz −3 dB Input Bandwidth differential, pipeline architecture with digital error correction and an on-chip sample-and-hold circuit to • Low Power Consumption provide a complete conversion solution, and to • Standby Mode minimize power consumption, while providing • On-Chip Reference and Sample-and-Hold excellent dynamic performance. A unique sample- Amplifier and-hold stage yields a full-power bandwidth of 400 MHz. Operating on a single 3.0V power supply, this • Offset Binary or Two’s Complement Data device consumes just 55.5 mW at 40 MSPS, Format including the reference current. The Standby feature • Separate Adjustable Output Driver Supply to reduces power consumption to just 13.5 mW. Accommodate 2.5V and 3.3V Logic Families The differential inputs provide a full scale selectable • AEC-Q100 Grade 3 Qualified input swing of 2.0 VP-P, 1.5 VP-P, 1.0 VP-P, with the • 28-Pin TSSOP Package possibility of a single-ended input. Full use of the differential input is recommended for optimum performance. An internal +1.2V precision bandgap KEY SPECIFICATIONS reference is used to set the ADC full-scale range, and • Resolution: 10 Bits also allows the user to supply a buffered referenced • Conversion Rate: 40 MSPS voltage for those applications requiring increased accuracy. The output data format is user choice of • Full Power Bandwidth: 400 MHz offset binary or two’s complement. • DNL: ±0.3 LSB typ) The ADC10040Q runs on an Automotive Grade Flow • SNR (fIN = 11 MHz): 59.6 dB (typ) and is AEC-Q100 Grade 3 Qualified. • SFDR (fIN = 11 MHz): -80 dB (typ) This device is available in the 28-lead TSSOP • Power Consumption, 40 MHz: 55.5 mW package and will operate over the industrial temperature range of −40°C to +85°C. APPLICATIONS • Ultrasound and Imaging • Instrumentation • Cellular Base Stations/Communications Receivers • Sonar/Radar • xDSL • Wireless Local Loops • Data Acquisition Systems • DSP Front Ends 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2003–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - ADC10040_15 |
|
유사한 설명 - ADC10040_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |