전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC10040 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC10040
상세설명  55.5 mW A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10040 데이터시트(HTML) 5 Page - Texas Instruments

  ADC10040 Datasheet HTML 1Page - Texas Instruments ADC10040 Datasheet HTML 2Page - Texas Instruments ADC10040 Datasheet HTML 3Page - Texas Instruments ADC10040 Datasheet HTML 4Page - Texas Instruments ADC10040 Datasheet HTML 5Page - Texas Instruments ADC10040 Datasheet HTML 6Page - Texas Instruments ADC10040 Datasheet HTML 7Page - Texas Instruments ADC10040 Datasheet HTML 8Page - Texas Instruments ADC10040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ADC10040
www.ti.com
SNAS224M – JULY 2003 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2) (3)
VDDA, VDDIO
3.9V
Voltage on Any Pin to GND
−0.3V to VDDA or VDDIO
+0.3V
Input Current on Any Pin
±25 mA
Package Input Current(4)
±50 mA
Package Dissipation at T = 25°C
See(5)
ESD Susceptibility
Human Body Model(6)
2500V
Machine Model(6)
250V
Soldering Temperature Infrared, 10 sec.(7)
235°C
Storage Temperature
−65°C to +150°C
(1)
All voltages are measured with respect to GND = VSSA = VSSIO = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the voltage at any pin exceeds the power supplies (VIN < VSSA or VIN > VDDA), the current at that pin should be limited to 25 mA.
The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input
current of 25 mA to two.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA)/θJA. In the 28-pin TSSOP, θJA is 96°C/W, so PDMAX = 1,302 mW at 25°C and 677 mW at the maximum
operating ambient temperature of 85°C. Note that the power dissipation of this device under normal operation will typically be about 55.5
mW. The values for maximum power dissipation listed above will be reached only when the ADC10040 is operated in a severe fault
condition.
(6)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through 0Ω.
(7)
The 235°C reflow temperature refers to infrared reflow. For Vapor Phase Reflow (VPR) the following conditions apply: Maintain the
temperature at the top of the package body above 183°C for a minimum of 60 seconds. The temperature measured on the package
body must not exceed 220°C. Only one excursion above 183°C is allowed per reflow cycle.
Operating Ratings
(1) (2)
Operating Temperature Range
−40°C ≤ TA ≤ +85°C
VDDA (Supply Voltage)
+2.7V to +3.6V
VDDIO (Output Driver Supply Voltage)
+2.5V to VDDA
VREF
1.20V
|VSSA–VSSIO|
≤ 100 mV
Clock Duty Cycle
30 to 70 %
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = VSSA = VSSIO = 0V, unless otherwise specified.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC10040


유사한 부품 번호 - ADC10040

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10040 TI1-ADC10040 Datasheet
1Mb / 28P
[Old version datasheet]   ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
National Semiconductor ...
ADC10040CIMT NSC-ADC10040CIMT Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10040CIMT TI1-ADC10040CIMT Datasheet
1Mb / 28P
[Old version datasheet]   ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
National Semiconductor ...
ADC10040CIMTX NSC-ADC10040CIMTX Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
More results

유사한 설명 - ADC10040

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10040 TI1-ADC10040_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
ADC14L020 TI1-ADC14L020 Datasheet
815Kb / 32P
[Old version datasheet]   150 mW A/D Converter
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
[Old version datasheet]   235 mW A/D Converter
ADC12L063 TI1-ADC12L063 Datasheet
1Mb / 31P
[Old version datasheet]   354 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
ADC12062 NSC-ADC12062 Datasheet
355Kb / 20P
   12-Bit, 1 MHz, 75 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com