전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC10080 데이터시트(PDF) 10 Page - Texas Instruments

부품명 ADC10080
상세설명  78.6 mW A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10080 데이터시트(HTML) 10 Page - Texas Instruments

Back Button ADC10080_15 Datasheet HTML 6Page - Texas Instruments ADC10080_15 Datasheet HTML 7Page - Texas Instruments ADC10080_15 Datasheet HTML 8Page - Texas Instruments ADC10080_15 Datasheet HTML 9Page - Texas Instruments ADC10080_15 Datasheet HTML 10Page - Texas Instruments ADC10080_15 Datasheet HTML 11Page - Texas Instruments ADC10080_15 Datasheet HTML 12Page - Texas Instruments ADC10080_15 Datasheet HTML 13Page - Texas Instruments ADC10080_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ADC10080
SNAS177H – JULY 2003 – REVISED MARCH 2013
www.ti.com
Transfer Characteristics
Figure 3. Input vs. Output Transfer Characteristic
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADC10080


유사한 부품 번호 - ADC10080_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
More results

유사한 설명 - ADC10080_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020 Datasheet
815Kb / 32P
[Old version datasheet]   150 mW A/D Converter
ADC10040 TI1-ADC10040_15 Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
[Old version datasheet]   235 mW A/D Converter
ADC12L063 TI1-ADC12L063 Datasheet
1Mb / 31P
[Old version datasheet]   354 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
ADC12062 NSC-ADC12062 Datasheet
355Kb / 20P
   12-Bit, 1 MHz, 75 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com