전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC108S052 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC108S052
상세설명  8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC108S052 데이터시트(HTML) 1 Page - Texas Instruments

  ADC108S052 Datasheet HTML 1Page - Texas Instruments ADC108S052 Datasheet HTML 2Page - Texas Instruments ADC108S052 Datasheet HTML 3Page - Texas Instruments ADC108S052 Datasheet HTML 4Page - Texas Instruments ADC108S052 Datasheet HTML 5Page - Texas Instruments ADC108S052 Datasheet HTML 6Page - Texas Instruments ADC108S052 Datasheet HTML 7Page - Texas Instruments ADC108S052 Datasheet HTML 8Page - Texas Instruments ADC108S052 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CS
SCLK
V
A
DOUT
AGND
DIN
IN0
V
D
IN1
DGND
IN2
IN7
IN3
IN6
IN4
IN5
ADC108S052
ADC108S052
www.ti.com
SNAS337G – SEPTEMBER 2005 – REVISED MARCH 2013
ADC108S052 8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
Check for Samples: ADC108S052
1
FEATURES
DESCRIPTION
The ADC108S052 is a low-power, eight-channel
23
Eight Input Channels
CMOS 10-bit analog-to-digital converter specified for
Variable Power Management
conversion throughput rates of 200 ksps to 500 ksps.
Independent Analog and Digital Supplies
The
converter
is
based
on
a
successive-
approximation register architecture with an internal
SPI™/ QSPI™/MICROWIRE/DSP Compatible
track-and-hold circuit. It can be configured to accept
Packaged in 16-Lead TSSOP
up to eight input signals at inputs IN0 through IN7.
The output serial data is straight binary and is
KEY SPECIFICATIONS
compatible with several standards, such as SPI™,
Conversion Rate: 200 ksps to 500 ksps
QSPI™, MICROWIRE, and many common DSP
DNL (VA = VD = 2.7V to 5.0V): ±0.4 LSB (max)
serial interfaces.
INL (VA = VD = 2.7V to 5.0V): ±0.4 LSB (max)
The ADC108S052 may be operated with independent
Power Consumption:
analog and digital supplies. The analog supply (VA)
can range from +2.7V to +5.25V, and the digital
3V Supply: 1.5 mW (typ)
supply (VD) can range from +2.7V to VA. Normal
5V Supply: 7.5 mW (typ)
power consumption using a +3V or +5V supply is 1.5
mW and 7.5 mW, respectively. The power-down
APPLICATIONS
feature reduces the power consumption to 0.09 µW
using a +3V supply and 0.30 µW using a +5V supply.
Automotive Navigation
The ADC108S052 is packaged in a 16-lead TSSOP
Portable Systems
package. Operation over the extended industrial
Medical Instruments
temperature range of
−40°C to +105°C is ensured.
Mobile Communications
Instrumentation and Control Systems
Connection Diagram
Figure 1. TSSOP Package
See Package Number PW0016A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI, QSPI are trademarks of Motorola, Inc..
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - ADC108S052

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
ADC108S052CIMT NSC-ADC108S052CIMT Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
ADC108S052CIMTX NSC-ADC108S052CIMTX Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
ADC108S052EVAL NSC-ADC108S052EVAL Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
More results

유사한 설명 - ADC108S052

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com