전자부품 데이터시트 검색엔진 |
|
ADC104S021Q-Q1 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
ADC104S021Q-Q1 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 27 page IN1 IN4 MUX T/H SCLK VA GND CS DIN DOUT CONTROL LOGIC 10-Bit SUCCESSIVE APPROXIMATION ADC . . . GND 1 2 3 4 5 6 7 8 9 10 CS SCLK DOUT DIN IN1 ADC104S021/ ADC104S021Q GND IN4 IN3 IN2 VA ADC104S021 SNAS278H – FEBRUARY 2005 – REVISED MARCH 2013 www.ti.com Connection Diagram Figure 1. 10-Lead VSSOP See DGK Package Block Diagram PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS Pin No. Symbol Description ANALOG I/O 4-7 IN1 to IN4 Analog inputs. These signals can range from 0V to VA. DIGITAL I/O 10 SCLK Digital clock input. This clock directly controls the conversion and readout processes. Digital data output. The output samples are clocked out of this pin on falling edges of the 9 DOUT SCLK pin. Digital data input. The ADC104S021/ADC104S021Q's Control Register is loaded through 8 DIN this pin on rising edges of the SCLK pin. Chip select. On the falling edge of CS, a conversion process begins. Conversions continue 1 CS as long as CS is held low. POWER SUPPLY Positive supply pin. This pin should be connected to a quiet +2.7V to +5.25V source and 2 VA bypassed to GND with a 1 µF capacitor and a 0.1 µF monolithic capacitor located within 1 cm of the power pin. 3 GND The ground return for supply and signals. These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. 2 Submit Documentation Feedback Copyright © 2005–2013, Texas Instruments Incorporated Product Folder Links: ADC104S021 |
유사한 부품 번호 - ADC104S021Q-Q1 |
|
유사한 설명 - ADC104S021Q-Q1 |