전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF05E2-W2F-830 데이터시트(PDF) 4 Page - OSRAM GmbH

부품명 LF05E2-W2F-830
상세설명  LINEARLIGHT FLEX ECO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF05E2-W2F-830 데이터시트(HTML) 4 Page - OSRAM GmbH

  LF05E2-W2F-830 Datasheet HTML 1Page - OSRAM GmbH LF05E2-W2F-830 Datasheet HTML 2Page - OSRAM GmbH LF05E2-W2F-830 Datasheet HTML 3Page - OSRAM GmbH LF05E2-W2F-830 Datasheet HTML 4Page - OSRAM GmbH LF05E2-W2F-830 Datasheet HTML 5Page - OSRAM GmbH LF05E2-W2F-830 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LINEARLIGHT FLEX ECO | LF05E2 | TECHNICAL DATASHEET
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect st atistical figures and do not
necessarily correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted.
Version: 2016-04-07
04
The mounting substrate must have sufficient structural integrity. Take care to completely remove the
protective backing. Once the module is appropriately positioned, pre on the module with about 20N/cm² (refer
to application techniques of 3M adhesive transfer tapes). In difficult cases the use of a prime may help.
Maximum temperature ratings must be kept. Therefore the module may have to be mounted on a metal heat
sink, depending on the individual installation.
The minimum bending radius is 2 cm. The module may be bent over a smaller radius but only in regions of
the circuit board containing electronic components and such bends should be made once and fixed in
position to avoid cyclic fatigue.
Bending is only allowed within the bending axis of the PCB. Bending outside of that leads to torsion which
may cause damage to the module and will lead to failure.
When installing in environments with large variations in temperature (e.g. outdoor applications) and operating
length of more than 2 m, the use of adequate mounting surfaces is necessary. Otherwise it is advisable to
use an additional thicker adhesive tape to absorb the stress of any mismatch in expansion.
Complementary Systems & Accessories
SLIMCONNECT SYSTEM
Description
Product name
Order Code
Shipping details
2pin Feeder
LF-2PIN Flex SC
4008321832436
10 / 250
Jumper (board-to-board)
LF-CONN Flex SC
4008321832467
25 / 250
Extension wire 30mm
LF-WIRE-30 FLEX SC
4008321875587
100 / 10,000
Extension wire 150mm
LF-WIRE-150 FLEX SC
4008321875563
50 / 5,000
CONNECT SYSTEM
Description
Product name
Order Code
Shipping details
2pin Feeder
LF-2PIN FLEX
4008321955326
10 / 100
Jumper (10mm extension)
LF-CONN-10 FLEX
4008321955333
10 / 200
Jumper (150mm extension)
LF-CONN-150 FLEX
4008321955340
10 / 100
SLIMTRACK SYSTEM
Description
Product name
Order Code
Shipping details
SLIM TRACK
LF-LTS-2100 SLIM TRACK
4008321978981
40
Mounting Bracket for SLIM TRACK
LF-LTS-MB
4008321979025
35 / 280
Clear SLIM TRACK Cover
LF-LTS COVER C
4008321790187
40
Diffuse SLIM TRACK Cover
LF-LTS-COVER-DIFFUSE
4008321979001
40
Endcap for Diffuse Cover
LF-LTS-ENDCAP
4008321979049
20 / 160
Semi-Diffuse SLIM TRACK Cover
LF-LTS COVER S
4008321790200
40


유사한 부품 번호 - LF05E2-W2F-830

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
   LINEARlight Flex
LF05A-B3 OSRAM-LF05A-B3 Datasheet
109Kb / 4P
   LINEARlight Flex
LF05A-W3F-827 OSRAM-LF05A-W3F-827 Datasheet
109Kb / 4P
   LINEARlight Flex
LF05A-W3F-830 OSRAM-LF05A-W3F-830 Datasheet
109Kb / 4P
   LINEARlight Flex
LF05A-W3F-840 OSRAM-LF05A-W3F-840 Datasheet
109Kb / 4P
   LINEARlight Flex
More results

유사한 설명 - LF05E2-W2F-830

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LR14E OSRAM-LR14E Datasheet
89Kb / 4P
   LINEARlight ECO
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
   LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
   LINEARlight Flex
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
   LINEARlight Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
   LINEARLIGHT POWER FLEX
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
   LINEARlight Colormix Flex
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
LF05CE-P OSRAM-LF05CE-P Datasheet
518Kb / 4P
   LINEARlight Colormix Flex Protect
LF06A-P OSRAM-LF06A-P Datasheet
567Kb / 4P
   LINEARlight Flex Protect ADVANCED
logo
Gilway Technical Lamp
GTL-OS-70082 GILWAY-GTL-OS-70082 Datasheet
581Kb / 4P
   Product Information Bulletin LINEARlight Flex Top Colormix
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com