전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC08D1500CIYB 데이터시트(PDF) 10 Page - Texas Instruments

부품명 ADC08D1500CIYB
상세설명  High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08D1500CIYB 데이터시트(HTML) 10 Page - Texas Instruments

Back Button ADC08D1500CIYB Datasheet HTML 6Page - Texas Instruments ADC08D1500CIYB Datasheet HTML 7Page - Texas Instruments ADC08D1500CIYB Datasheet HTML 8Page - Texas Instruments ADC08D1500CIYB Datasheet HTML 9Page - Texas Instruments ADC08D1500CIYB Datasheet HTML 10Page - Texas Instruments ADC08D1500CIYB Datasheet HTML 11Page - Texas Instruments ADC08D1500CIYB Datasheet HTML 12Page - Texas Instruments ADC08D1500CIYB Datasheet HTML 13Page - Texas Instruments ADC08D1500CIYB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
ADC08D1500
SNAS316G – JUNE 2005 – REVISED APRIL 2013
www.ti.com
Converter Electrical Characteristics (continued)
The following specifications apply after calibration for VA = VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
870mVP-P, CL = 10 pF, Differential, a.c. coupled Sinewave Input Clock, fCLK = 1.5 GHz at 0.5VP-P with 50% duty cycle, VBG =
Floating, Non-Extended Control Mode, SDR Mode, REXT = 3300Ω ±0.1%, Analog Signal Source Impedance = 100Ω
Differential. Boldface limits apply for TA = TMIN to TMAX. All other limits TA = 25°C, unless otherwise noted.
(1)(2)
Typical
Limits
Units
Symbol
Parameter
Conditions
(3)
(3)
(Limits)
NORMAL MODE (Non DES) DYNAMIC CONVERTER CHARACTERISTICS
Normal Mode (non
FPBW
Full Power Bandwidth
1.7
GHz
DES)
Error/
B.E.R.
Bit Error Rate
10-18
Sample
d.c. to 500 MHz
±0.5
dBFS
Gain Flatness
d.c. to 1 GHz
±1.0
dBFS
fIN = 373 MHz, VIN =
Bits
7.4
7.0
FSR
− 0.5 dB
(min)
ENOB
Effective Number of Bits
fIN = 748 MHz, VIN =
Bits
7.25
FSR
− 0.5 dB
(min)
fIN = 373 MHz, VIN =
dB
46.3
43.9
FSR
− 0.5 dB
(min)
SINAD
Signal-to-Noise Plus Distortion Ratio
fIN = 748 MHz, VIN =
dB
45.4
FSR
− 0.5 dB
(min)
fIN = 373 MHz, VIN =
dB
47
44.5
FSR
− 0.5 dB
(min)
SNR
Signal-to-Noise Ratio
fIN = 748 MHz, VIN =
dB
46.3
FSR
− 0.5 dB
(min)
fIN = 373 MHz, VIN =
dB
-54.5
-47
FSR
− 0.5 dB
(max)
THD
Total Harmonic Distortion
fIN = 748 MHz, VIN =
dB
-53
FSR
− 0.5 dB
(max)
fIN = 373 MHz, VIN =
−60
dB
FSR
− 0.5 dB
2nd
Second Harmonic Distortion
Harm
fIN = 748 MHz, VIN =
−57
dB
FSR
− 0.5 dB
fIN = 373 MHz, VIN =
−62
dB
FSR
− 0.5 dB
3rd
Third Harmonic Distortion
Harm
fIN = 748 MHz, VIN =
−65
dB
FSR
− 0.5 dB
fIN = 373 MHz, VIN =
dB
56
48.5
FSR
− 0.5 dB
(min)
SFDR
Spurious-Free dynamic Range
fIN = 748 MHz, VIN =
dB
53
FSR
− 0.5 dB
(min)
fIN1 = 321 MHz, VIN
= FSR
− 7 dB
IMD
Intermodulation Distortion
-50
dB
fIN2 = 326 MHz, VIN
= FSR
− 7 dB
(VIN+) − (VIN−) > +
255
Full Scale
Out of Range Output Code
(In addition to OR Output high)
(VIN+) − (VIN−) < −
0
Full Scale
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC08D1500


유사한 부품 번호 - ADC08D1500CIYB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC08D1500CIYB NSC-ADC08D1500CIYB Datasheet
868Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500CIYB NSC-ADC08D1500CIYB Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
More results

유사한 설명 - ADC08D1500CIYB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC08D1500 NSC-ADC08D1500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500 NSC-ADC08D1500 Datasheet
868Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
[Old version datasheet]   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081500 NSC-ADC081500 Datasheet
830Kb / 28P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_06 Datasheet
1,016Kb / 32P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com