전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC088S022 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC088S022
상세설명  8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC088S022 데이터시트(HTML) 1 Page - Texas Instruments

  ADC088S022 Datasheet HTML 1Page - Texas Instruments ADC088S022 Datasheet HTML 2Page - Texas Instruments ADC088S022 Datasheet HTML 3Page - Texas Instruments ADC088S022 Datasheet HTML 4Page - Texas Instruments ADC088S022 Datasheet HTML 5Page - Texas Instruments ADC088S022 Datasheet HTML 6Page - Texas Instruments ADC088S022 Datasheet HTML 7Page - Texas Instruments ADC088S022 Datasheet HTML 8Page - Texas Instruments ADC088S022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CS
SCLK
V
A
DOUT
AGND
DIN
IN0
V
D
IN1
DGND
IN2
IN7
IN3
IN6
IN4
IN5
ADC088S022
ADC088S022
www.ti.com
SNAS341F – SEPTEMBER 2005 – REVISED MARCH 2013
ADC088S022 8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
Check for Samples: ADC088S022
1
FEATURES
DESCRIPTION
The ADC088S022 is a low-power, eight-channel
23
Eight Input Channels
CMOS 8-bit analog-to-digital converter specified for
Variable Power Management
conversion throughput rates of 50 ksps to 200 ksps.
Independent Analog and Digital Supplies
The
converter
is
based
on
a
successive-
approximation register architecture with an internal
SPI™/ QSPI™/MICROWIRE/DSP Compatible
track-and-hold circuit. It can be configured to accept
Packaged in 16-Lead TSSOP
up to eight input signals at inputs IN0 through IN7.
The output serial data is straight binary and is
APPLICATIONS
compatible with several standards, such as SPI™,
Automotive Navigation
QSPI™, MICROWIRE, and many common DSP
Portable Systems
serial interfaces.
Medical Instruments
The ADC088S022 may be operated with independent
Mobile Communications
analog and digital supplies. The analog supply (VA)
can range from +2.7V to +5.25V, and the digital
Instrumentation and Control Systems
supply (VD) can range from +2.7V to VA. Normal
power consumption using a +3V or +5V supply is 0.9
KEY SPECIFICATIONS
mW and 5.5 mW, respectively. The power-down
Conversion Rate: 50 ksps to 200 ksps
feature reduces the power consumption to 0.03 µW
using a +3V supply and 0.15 µW using a +5V supply.
DNL (VA = VD = 2.7V to 5.25V): ±0.2 LSB (Max)
The ADC088S022 is packaged in a 16-lead TSSOP
INL (VA = VD = 2.7V to 5.25V): ±0.2 LSB (Max)
package. Operation over the extended industrial
Power Consumption
temperature range of
−40°C to +105°C is ensured.
3V Supply: 0.9 mW (Typ)
5V Supply: 5.5 mw (Typ)
Connection Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI, QSPI are trademarks of Motorola, Inc..
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - ADC088S022

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC088S022 TI-ADC088S022 Datasheet
1Mb / 24P
[Old version datasheet]   A low-power, eight-channel CMOS 8-bit analog-to-digital converter specified for comversion throughput rates of 50 ksps to 200 ksps.
logo
National Semiconductor ...
ADC088S022CIMT NSC-ADC088S022CIMT Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022CIMT NSC-ADC088S022CIMT Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022CIMTX NSC-ADC088S022CIMTX Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
More results

유사한 설명 - ADC088S022

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com