전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC08831 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC08831
상세설명  8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08831 데이터시트(HTML) 2 Page - Texas Instruments

  ADC08831 Datasheet HTML 1Page - Texas Instruments ADC08831 Datasheet HTML 2Page - Texas Instruments ADC08831 Datasheet HTML 3Page - Texas Instruments ADC08831 Datasheet HTML 4Page - Texas Instruments ADC08831 Datasheet HTML 5Page - Texas Instruments ADC08831 Datasheet HTML 6Page - Texas Instruments ADC08831 Datasheet HTML 7Page - Texas Instruments ADC08831 Datasheet HTML 8Page - Texas Instruments ADC08831 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ADC08831, ADC08832
SNAS015C – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
Connection Diagram
xxx
Figure 1. ADC08831
Figure 2. ADC08832
8-Lead SOIC or VSSOP
8-Lead SOIC or VSSOP
See D or DGK Packages
See D or DGK Packages
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VCC)
6.5V
Voltage at Inputs and Outputs
−0.3V to VCC + 0.3V
Input Current at Any Pin(4)
±5 mA
Package Input Current(4)
±20 mA
Human Body Model
2000V
ESD Susceptibility(5)
Machine Model
200V
Junction Temperature(6)
150°C
Storage Temperature Range
−65° C to 150°C
Mounting Temperature
Lead Temp. (soldering, 10 sec)
260°C
Infrared (10 sec)
215°C
(1)
All voltages are measured with respect to GND = 0 VDC, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage VIN at any pin exceeds the power supplies (VIN < (GND) or VIN > VCC,) the current at that pin should be limited
to 5 mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an
input current of 5 mA to four pins.
(5)
Human body model, 100 pF capacitor discharged through a 1.5 k
Ω resistor. The machine mode is a 200pF capacitor discharged directly
into each pin.
(6)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJMAX − TA)/θJA or the number given in the Absolute
Maximum Ratings, whichever is lower.
Operating Ratings
(1) (2)
Temperature Range
−40°C ≤ TJ ≤ +85°C
Supply Voltage
4.5 V to 6.0 V
VSSOP, 8-pin Surface Mount
122°C/W
Thermal Resistance (
θjA)
SOIC Package, 8-pin Surface Mount
235°C/W
Clock Frequency
10kHz
≤ fCLK ≤ 2MHz
(1)
Operating Ratings indicate conditions for which the device is functional. These ratings do not specify specific performance limits. For
specifications and test conditions, see the Electrical Characteristics. The specifications apply only for the test conditions listed. Some
performance characteristics may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = 0 VDC, unless otherwise specified.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC08831 ADC08832


유사한 부품 번호 - ADC08831

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC08831 NSC-ADC08831 Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IM NSC-ADC08831IM Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IMM NSC-ADC08831IMM Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IN NSC-ADC08831IN Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IWM NSC-ADC08831IWM Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results

유사한 설명 - ADC08831

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC08831 NSC-ADC08831 Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADCV08832 NSC-ADCV08832 Datasheet
259Kb / 14P
   Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC1034 NSC-ADC1034 Datasheet
349Kb / 18P
   ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
ADC08031 NSC-ADC08031 Datasheet
509Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com