전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54AC11021 데이터시트(PDF) 2 Page - Texas Instruments

부품명 54AC11021
상세설명  DUAL 4-INPUT POSITIVE-AND GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

54AC11021 데이터시트(HTML) 2 Page - Texas Instruments

  54AC11021 Datasheet HTML 1Page - Texas Instruments 54AC11021 Datasheet HTML 2Page - Texas Instruments 54AC11021 Datasheet HTML 3Page - Texas Instruments 54AC11021 Datasheet HTML 4Page - Texas Instruments 54AC11021 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
54AC11021, 74AC11021
DUAL 4INPUT POSITIVEAND GATES
SCAS005B − JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−2
logic symbol
logic diagram (positive logic)
&
2
1A
1
1B
13
1C
12
1D
1Y
3
10
2A
9
2B
7
2C
6
2D
2Y
5
1Y
3
2
1A
1
1B
13
1C
12
1D
2Y
5
10
2A
9
2B
7
2C
6
2D
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.


유사한 부품 번호 - 54AC11021

제조업체부품명데이터시트상세설명
logo
Texas Instruments
54AC11021 TI-54AC11021 Datasheet
64Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
More results

유사한 설명 - 54AC11021

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
   DUAL 4-INPUT POSITIVE AND GATES
logo
Renesas Technology Corp
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
   Dual 4-input Positive AND Gates
logo
Hitachi Semiconductor
HD74LV21A HITACHI-HD74LV21A Datasheet
54Kb / 12P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
SN54LS21 TI1-SN54LS21_15 Datasheet
840Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54ALS21A TI1-SN54ALS21A_18 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LS21 TI-SN54LS21 Datasheet
509Kb / 12P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI-SN54F21 Datasheet
67Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LV21A TI-SN54LV21A_04 Datasheet
318Kb / 11P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI1-SN54F21_12 Datasheet
388Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LV21A RENESAS-HD74LV21A Datasheet
70Kb / 9P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
54AC11021 TI-54AC11021 Datasheet
64Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com