전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC11373 데이터시트(PDF) 5 Page - Texas Instruments

부품명 74AC11373
상세설명  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11373 데이터시트(HTML) 5 Page - Texas Instruments

  74AC11373 Datasheet HTML 1Page - Texas Instruments 74AC11373 Datasheet HTML 2Page - Texas Instruments 74AC11373 Datasheet HTML 3Page - Texas Instruments 74AC11373 Datasheet HTML 4Page - Texas Instruments 74AC11373 Datasheet HTML 5Page - Texas Instruments 74AC11373 Datasheet HTML 6Page - Texas Instruments 74AC11373 Datasheet HTML 7Page - Texas Instruments 74AC11373 Datasheet HTML 8Page - Texas Instruments 74AC11373 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74AC11373
OCTAL TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCAS213A − MAY 1987 − REVISED APRIL 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
D
Q
1.5
9
13.1
1.5
14.8
ns
tPHL
D
Q
1.5
8
10.6
1.5
11.7
ns
tPLH
LE
Any Q
1.5
10
14.5
1.5
16.3
ns
tPHL
LE
Any Q
1.5
9.5
12.8
1.5
14.2
ns
tPZH
OE
Any Q
1.5
9
13.1
1.5
14.7
ns
tPZL
OE
Any Q
1.5
8.5
11.6
1.5
13.1
ns
tPHZ
OE
Any Q
1.5
9.5
12
1.5
12.7
ns
tPLZ
OE
Any Q
1.5
7.5
10.2
1.5
10.8
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
D
Q
1.5
6
8.9
1.5
10.3
ns
tPHL
D
Q
1.5
5.5
7.6
1.5
8.4
ns
tPLH
LE
Any Q
1.5
6.5
10
1.5
11.3
ns
tPHL
LE
Any Q
1.5
6.5
9.1
1.5
10.2
ns
tPZH
OE
Any Q
1.5
6.5
9.5
1.5
10.8
ns
tPZL
OE
Any Q
1.5
6
8.6
1.5
9.7
ns
tPHZ
OE
Any Q
1.5
8.5
10.6
1.5
11.1
ns
tPLZ
OE
Any Q
1.5
6
8.2
1.5
8.7
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C
Power dissipation capacitance per latch
Outputs enabled
C
50 pF
f
1 MHz
47
pF
Cpd
Power dissipation capacitance per latch
Outputs disabled
CL = 50 pF,
f = 1 MHz
36
pF


유사한 부품 번호 - 74AC11373

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AC11373 TI-74AC11373 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373DB TI-74AC11373DB Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373DBLE TI-74AC11373DBLE Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373DBR TI-74AC11373DBR Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373DW TI-74AC11373DW Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74AC11373

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com