전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC11620N 데이터시트(PDF) 4 Page - Texas Instruments

부품명 74AC11620N
상세설명  OCTAL TRANSCEIVER WITH DUAL ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11620N 데이터시트(HTML) 4 Page - Texas Instruments

  74AC11620N Datasheet HTML 1Page - Texas Instruments 74AC11620N Datasheet HTML 2Page - Texas Instruments 74AC11620N Datasheet HTML 3Page - Texas Instruments 74AC11620N Datasheet HTML 4Page - Texas Instruments 74AC11620N Datasheet HTML 5Page - Texas Instruments 74AC11620N Datasheet HTML 6Page - Texas Instruments 74AC11620N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
74AC11620
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS062A − JULY 1987 − REVISED APRIL 1993
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
IOH = − 50 µA
4.5 V
4.4
4.4
IOH = − 50 µA
5.5 V
5.4
5.4
VOH
IOH = − 4 mA
3 V
2.58
2.48
V
VOH
IOH = − 24 mA
4.5 V
3.94
3.8
V
IOH = − 24 mA
5.5 V
4.94
4.8
IOH = − 75 mA†
5.5 V
3.85
3 V
0.1
0.1
IOL = 50 µA
4.5 V
0.1
0.1
IOL = 50 µA
5.5 V
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.44
V
VOL
IOL = 24 mA
4.5 V
0.36
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA†
5.5 V
1.65
II
OEBA or OEAB
VI = VCC or GND
5.5 V
±0.1
±1
µA
IOZ‡
A or B ports
VO = VCC or GND
5.5 V
±0.5
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
µA
Ci
OEBA or OEAB
VI = VCC or GND
5 V
4
pF
Cio
A or B ports
VO = VCC or GND
5 V
12
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A or B
B or A
1.5
6.8
9
1.5
10.2
ns
tPHL
A or B
B or A
1.5
6.5
8.2
1.5
9.1
ns
tPZH
OEBA
A
1.5
8
10.3
1.5
11.7
ns
tPZL
OEBA
A
1.5
7.3
9.8
1.5
10.9
ns
tPHZ
OEBA
A
1.5
6.7
8.4
1.5
9
ns
tPLZ
OEBA
A
1.5
7.8
9.6
1.5
10.4
ns
tPZH
OEAB
B
1.5
8.4
10
1.5
11.5
ns
tPZL
OEAB
B
1.5
8.1
10.1
1.5
11.3
ns
tPHZ
OEAB
B
1.5
7
8.7
1.5
9.4
ns
tPLZ
OEAB
B
1.5
7.7
9.6
1.5
10.4
ns


유사한 부품 번호 - 74AC11620N

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AC11620N PHILIPS-74AC11620N Datasheet
178Kb / 7P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74AC11620N TI1-74AC11620N Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
More results

유사한 설명 - 74AC11620N

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AC11620 PHILIPS-74AC11620 Datasheet
178Kb / 7P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74AC11623 TI1-74AC11623_09 Datasheet
108Kb / 6P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
74ACT11620 TI1-74ACT11620_10 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74AC11623 PHILIPS-74AC11623 Datasheet
326Kb / 12P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74ACT11623 TI1-74ACT11623_15 Datasheet
473Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
logo
ON Semiconductor
MC74LCX652 ONSEMI-MC74LCX652 Datasheet
177Kb / 9P
   LOW.VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
1996 REV 1
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com