전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KFF6169A 데이터시트(PDF) 1 Page - CTS Corporation

부품명 KFF6169A
상세설명  Pin mounted, silver (Ag) coated ceramic filter.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTS [CTS Corporation]
홈페이지  http://www.ctscorp.com
Logo CTS - CTS Corporation

KFF6169A 데이터시트(HTML) 1 Page - CTS Corporation

  KFF6169A_16 Datasheet HTML 1Page - CTS Corporation KFF6169A_16 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KFF6169A
800 MHz Duplexer
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
Features
• Excellent Power Handling
• Low Loss
• High Rejection
Description
Pin Mount, silver (Ag) coated ceramic filter.
Developed for use in 800 MHz
infrastructure applications.
Weight: 49.0 grams typical
Material: Filter is composed of a ceramic
block plated with Ag. and a bracket made
of 60-40 tin lead plated cold roll steel.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to
measurement repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
Parameter
Frequency
(MHz)
Typical @ 25ºC
Spec. @ 25ºC
TX to Antenna Response
Passband Insertion Loss
804-824
2.1 dB
2.5 dB max
Passband Return Loss @ TX
804-824
12.0 dB
9.0 dB min
Attenuation:
850-870
53.0 dB
50 dB min
Antenna to RX Response
Passband Insertion Loss
850-870
2.2 dB
2.5 dB max
Passband Return Loss @ RX
850-870
8.3 dB
6.0 dB min
Attenuation:
804-824
58.0 dB
50.0 dB min
Power into any port
5 Watt max
Rev 1 – Origin Date: July 11, 2005 – Revision Date: March 3, 2006
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US 6,834,429.Other
US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”


유사한 부품 번호 - KFF6169A_16

제조업체부품명데이터시트상세설명
logo
CTS Corporation
KFF6169A CTS-KFF6169A Datasheet
402Kb / 2P
   KFF6169A
More results

유사한 설명 - KFF6169A_16

제조업체부품명데이터시트상세설명
logo
CTS Corporation
KFF6075B CTS-KFF6075B_16 Datasheet
79Kb / 2P
   Pin mounted, silver (Ag) coated ceramic filter.
KFF6052A CTS-KFF6052A Datasheet
134Kb / 2P
   Pin mounted, silver (Ag) coated ceramic filter.
KFF6106A CTS-KFF6106A_16 Datasheet
127Kb / 2P
   Pin mounted, silver (Ag) coated ceramic filter.
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0186A CTS-CER0186A Datasheet
103Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0202A CTS-CER0202A Datasheet
276Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0245E CTS-CER0245E Datasheet
72Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0280A CTS-CER0280A Datasheet
60Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com