전자부품 데이터시트 검색엔진 |
|
74ACT11002D 데이터시트(PDF) 2 Page - Texas Instruments |
|
74ACT11002D 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 5 page 54ACT11002, 74ACT11002 QUADRUPLE 2INPUT POSITIVENOR GATES SCAS003A − D2957, JUNE 1987 − REVISED APRIL 1993 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77001 2−2 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC − 0.5 V to 6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO (see Note 1) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0 or VI > VCC) ± 20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 or VO > VCC) ± 50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ± 50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ± 100 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range − 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: The input and output voltage ratings may be exceeded if the input and output current ratings are observed. recommended operating conditions 54ACT11002 74ACT11002 UNIT MIN MAX MIN MAX UNIT VCC Supply voltage 4.5 5.5 4.5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VI Input voltage 0 VCC 0 VCC V VO Output voltage 0 VCC 0 VCC V IOH High-level output current −24 −24 mA IOL Low-level output current 24 24 mA Dt/Dv Input transition rise or fall rate 0 10 0 10 ns / V TA Operating free-air temperature −55 125 −40 85 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C 54ACT11002 74ACT11002 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT IOH = − 50 A 4.5 V 4.4 4.4 4.4 IOH = − 50 mA 5.5 V 5.4 5.4 5.4 VOH IOH = − 24 mA 4.5 V 3.94 3.7 3.8 V VOH IOH = − 24 mA 5.5 V 4.94 4.7 4.8 V IOH = − 50 mA‡ 5.5 V 3.85 IOH = − 75 mA‡ 5.5 V 3.85 IOL = 50 A 4.5 V 0.1 0.1 0.1 IOL = 50 mA 5.5 V 0.1 0.1 0.1 VOL IOL = 24 mA 4.5 V 0.36 0.5 0.44 V VOL IOL = 24 mA 5.5 V 0.36 0.5 0.44 V IOL = 50 mA‡ 5.5 V 1.65 IOL = 75 mA‡ 5.5 V 1.65 II VI = VCC or GND 5.5 V ± 0.1 ± 1 ± 1 mA ICC VI = VCC or GND, IO = 0 5.5 V 4 80 40 mA DICC§ One input at 3.4 V, 5.5 V 0.9 1 1 mA DICC§ One input at 3.4 V, Other inputs at GND or VCC 5.5 V 0.9 1 1mA Ci VI = VCC or GND 5 V 3.5 pF ‡ Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms. § This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC. |
유사한 부품 번호 - 74ACT11002D |
|
유사한 설명 - 74ACT11002D |