전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC11652 데이터시트(PDF) 6 Page - Texas Instruments

부품명 74AC11652
상세설명  OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11652 데이터시트(HTML) 6 Page - Texas Instruments

Back Button 74AC11652_11 Datasheet HTML 2Page - Texas Instruments 74AC11652_11 Datasheet HTML 3Page - Texas Instruments 74AC11652_11 Datasheet HTML 4Page - Texas Instruments 74AC11652_11 Datasheet HTML 5Page - Texas Instruments 74AC11652_11 Datasheet HTML 6Page - Texas Instruments 74AC11652_11 Datasheet HTML 7Page - Texas Instruments 74AC11652_11 Datasheet HTML 8Page - Texas Instruments 74AC11652_11 Datasheet HTML 9Page - Texas Instruments 74AC11652_11 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74AC11652
OCTAL BUS TRANSCEIVER AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS088A - DECEMBER 1989 - REVISED APRIL 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 2)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
65
0
65
MHz
tw
Pulse duration, CLK high or low
7.7
7.7
ns
tsu
Setup time, A or B before CLKAB
↑ or CLKBA↑
6
6
ns
th
Hold time, A or B after CLKAB
↑ or CLKBA↑
1
1
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 2)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
105
0
105
MHz
tw
Pulse duration, CLK high or low
4.8
4.8
ns
tsu
Setup time, A or B before CLKAB
↑ or CLKBA↑
4.5
4.5
ns
th
Hold time, A or B after CLKAB
↑ or CLKBA↑
1
1
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V
± 0.3 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
65
65
MHz
tPLH
AorB
BorA
2.9
8.5
11.1
2.9
12.9
ns
tPHL
A or B
B or A
3.9
10.3
12.9
3.9
14.2
ns
tPLH
CLKBA or CLKAB
AorB
4.3
11.2
14.3
4.3
16.2
ns
tPHL
CLKBA or CLKAB
A or B
5.3
13.1
16.2
5.3
17.8
ns
tPLH
SBA or SAB
AorB
3.4
9.4
12
3.4
13.7
ns
tPHL
SBA or SAB
(A or B high)
A or B
4.7
11.5
14.3
4.7
15.6
ns
tPLH
SBA or SAB
AorB
3.9
10.5
13.3
3.9
14.9
ns
tPHL
SBA or SAB
(A or B low)
A or B
4.8
12.1
16.3
4.8
17.7
ns
tPZH
OEBA
A
4.3
11.1
14.5
4.3
16.5
ns
tPZL
OEBA
A
5.2
14.4
19.8
5.2
22
ns
tPHZ
OEBA
A
3.7
6.4
8.1
3.7
8.5
ns
tPLZ
OEBA
A
3.5
6
7.8
3.5
8.2
ns
tPZH
OEAB
B
4.7
11.6
15
4.7
16.9
ns
tPZL
OEAB
B
5.6
14.8
19.9
5.6
21.9
ns
tPHZ
OEAB
B
4
6.6
8.2
4
8.6
ns
tPLZ
OEAB
B
3.5
6.1
7.7
3.5
8
ns
These parameters are measured with the internal output state of the storage register opposite that of the bus input.


유사한 부품 번호 - 74AC11652_11

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AC11652DW TI-74AC11652DW Datasheet
144Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
74AC11652DWR TI-74AC11652DWR Datasheet
144Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74AC11652_11

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AC11652 TI-74AC11652 Datasheet
144Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652 Datasheet
331Kb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54HCT652 TI-SN54HCT652 Datasheet
152Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com