전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD40192BF 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 CD40192BF
상세설명  CMOs Presettable Up/Down counters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD40192BF 데이터시트(HTML) 7 Page - Texas Instruments

Back Button CD40192BF Datasheet HTML 3Page - Texas Instruments CD40192BF Datasheet HTML 4Page - Texas Instruments CD40192BF Datasheet HTML 5Page - Texas Instruments CD40192BF Datasheet HTML 6Page - Texas Instruments CD40192BF Datasheet HTML 7Page - Texas Instruments CD40192BF Datasheet HTML 8Page - Texas Instruments CD40192BF Datasheet HTML 9Page - Texas Instruments CD40192BF Datasheet HTML 10Page - Texas Instruments CD40192BF Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 2
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF CD40192B, CD40192B-MIL, CD40193B, CD40193B-MIL :
Catalog: CD40192B, CD40193B
Military: CD40192B-MIL, CD40193B-MIL
NOTE: Qualified Version Definitions:
Catalog - TI's standard catalog product
Military - QML certified for Military and Defense Applications


유사한 부품 번호 - CD40192BF

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD40192BF TI-CD40192BF Datasheet
516Kb / 11P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
CD40192BF TI-CD40192BF Datasheet
1Mb / 16P
[Old version datasheet]   CMOS Pressettable Up/Down Counters
CD40192BF3A TI-CD40192BF3A Datasheet
516Kb / 11P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
CD40192BF3A TI-CD40192BF3A Datasheet
1Mb / 16P
[Old version datasheet]   CMOS Pressettable Up/Down Counters
More results

유사한 설명 - CD40192BF

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CD4510BMS INTERSIL-CD4510BMS Datasheet
139Kb / 11P
   CMOS Presettable Up/Down Counters
December 1992
logo
Texas Instruments
CD4510B TI-CD4510B Datasheet
295Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS
CD4510B TI1-CD4510B_15 Datasheet
1Mb / 16P
[Old version datasheet]   Cmos Presettable Up/Down Counters
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
   PRESETTABLE UP / DOWN COUNTERS
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
   PRESETTABLE UP/DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
   PRESETTABLE UP / DOWN COUNTERS
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
Renesas Technology Corp
CD40192BMS RENESAS-CD40192BMS Datasheet
462Kb / 12P
   CMOS Presettable Up/Down Counters(Dual Clock With Reset)
December 1992
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
logo
Intersil Corporation
CD40192BMS INTERSIL-CD40192BMS Datasheet
149Kb / 12P
   CMOS Presettable Up/Down Counters (Dual Clock With Reset)
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com