전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMX32S 데이터시트(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

부품명 FMX32S
상세설명  20Ampere,200Volt Insulated Fast Recovery Diode for Welding Machine
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THINKISEMI [Thinki Semiconductor Co., Ltd.]
홈페이지  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FMX32S 데이터시트(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FMX32S Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FMX32S Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. FMX32S Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
FMX32S
Pb Free Plating Product
FMX32S
20Ampere,200Volt Insulated Fast Recovery Diode for Welding Machine
Pb
·
Ultrafast Recovery Time
·
Soft Recovery Characteristics
·
Low Recovery Loss
·
Low Forward Voltage
·
High Surge Current Capability
·
Low Leakage Current
APPLICATION
GENERAL DESCRIPTION
· Freewheeling, Snubber, Clamp
· Inversion Welder
· PFC
· Plating Power Supply
· Ultrasonic Cleaner and Welder
· Converter & Chopper
· UPS
PRODUCT FEATURE
FMX32S using the lastest FRED FAB process with ultrafast and soft recovery characteristic for welding machine.
TO-3PF/TO-3PML
Internal Configuration
Cathode
Anode
Base Backside
Anode
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/3
Rev.05
Unit
ABSOLUTE MAXIMUM RATINGS
T C =25°C unless otherwise specified
Symbol
Parameter/Test Conditions
Values
VR
Maximum D.C. Reverse Voltage
210
V
V
M i
R
titi
R
V lt
W
°C
°C
N•m
°C /W
g
Unit
μA
mA
ns
ns
A
ns
A
V
VRRM
Maximum Repetitive Reverse Voltage
IF(AV)
Average Forward Current
TC=110°C, Per Diode
10
A
TC=110°C, Per Package
20
IF(RMS)
RMS Forward Current
TC=110°C, Per Diode
14
IFSM
Non-Repetitive Surge Forward Current
TJ=45°C,t=10ms, 50Hz, Sine
100
PD
Power Dissipation
83
TJ
Junction Temperature
-55 to +150
TSTG
Storage Temperature Range
-55 to +150
Torque
Module-to-Sink
Recommended(M3)
1.1
Rth(J-C)
Junction-to-Case Thermal Resistance, Per Diode
1.5
Weight
5.2
ELECTRICAL CHARACTERISTICS
T C =25°C unless otherwise specified
Symbol
Parameter/Test Conditions
Min. Typ. Max.
10
VR =220V, TJ = 125°C
10
VF
Forward Voltage
IF=10A
0.9
1.1
IRM
Maximum Reverse Leakage Current
VR =220V
V
IF=10A,TJ=125°C
0.95
trr
Reverse Recovery Time (IF = 1A, diF/dt = -200A/μs, VR = 30V)
17
trr
Reverse Recovery Time
IF =10A,VR =100V,
32
IRRM
Maximum Reverse Recovery Current
diF/dt = -200A/μs
2.1
trr
Reverse Recovery Time
IF = 10A,VR =100V,
45
IRRM
Maximum Reverse Recovery Current
diF/dt = -200A/μs ,TJ=125°C
5
0.8


유사한 부품 번호 - FMX32S

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
FMX32S THINKISEMI-FMX32S Datasheet
1,014Kb / 3P
   20.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

유사한 설명 - FMX32S

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
D92M-02 THINKISEMI-D92M-02 Datasheet
821Kb / 3P
   20Ampere,200Volt Insulated Fast Recovery Diode for Welding Machine
FML32S THINKISEMI-FML32S Datasheet
801Kb / 3P
   20Ampere,200Volt Insulated Fast Recovery Diode for Welding Machine
XS4202 THINKISEMI-XS4202 Datasheet
797Kb / 3P
   20Ampere,200Volt Insulated Fast Recovery Diode for Welding Machine
X4202S THINKISEMI-X4202S Datasheet
797Kb / 3P
   20Ampere,200Volt Insulated Fast Recovery Diode for Welding Machine
L4206S THINKISEMI-L4206S Datasheet
819Kb / 3P
   20Ampere,600Volt Insulated Fast Recovery Diode for Welding Machine
D4204S THINKISEMI-D4204S Datasheet
694Kb / 3P
   20Ampere,400Volt Insulated Fast Recovery Diode for Welding Machine
D4206S THINKISEMI-D4206S Datasheet
818Kb / 3P
   20Ampere,600Volt Insulated Fast Recovery Diode for Welding Machine
FFB20UP20DN THINKISEMI-FFB20UP20DN Datasheet
1Mb / 3P
   20Ampere,200Volt Surface Mount Dual Common Cathode Ultra Fast Recovery Epitaxial Diode
SDURF2020CT THINKISEMI-SDURF2020CT Datasheet
757Kb / 2P
   20Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
SDURF2020CTR THINKISEMI-SDURF2020CTR Datasheet
757Kb / 2P
   20Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com