전자부품 데이터시트 검색엔진 |
|
SN74AHC16240DGG 데이터시트(PDF) 6 Page - Texas Instruments |
|
SN74AHC16240DGG 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 14 page SN54AHC16240, SN74AHC16240 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCLS326G – MARCH 1996 – REVISED JANUARY 2000 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4) PARAMETER SN74AHC16240 UNIT PARAMETER MIN TYP MAX UNIT VOL(P) Quiet output, maximum dynamic VOL 0.6 V VOL(V) Quiet output, minimum dynamic VOL –0.6 V VOH(V) Quiet output, minimum dynamic VOH 4.6 V VIH(D) High-level dynamic input voltage 3.5 V VIL(D) Low-level dynamic input voltage 1.5 V NOTE 4: Characteristics are for surface-mount packages only. operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load, f = 1 MHz 10 pF |
유사한 부품 번호 - SN74AHC16240DGG |
|
유사한 설명 - SN74AHC16240DGG |