전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALVCH16646DGG 데이터시트(PDF) 9 Page - Texas Instruments

부품명 SN74ALVCH16646DGG
상세설명  16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH16646DGG 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74ALVCH16646DGG Datasheet HTML 5Page - Texas Instruments SN74ALVCH16646DGG Datasheet HTML 6Page - Texas Instruments SN74ALVCH16646DGG Datasheet HTML 7Page - Texas Instruments SN74ALVCH16646DGG Datasheet HTML 8Page - Texas Instruments SN74ALVCH16646DGG Datasheet HTML 9Page - Texas Instruments SN74ALVCH16646DGG Datasheet HTML 10Page - Texas Instruments SN74ALVCH16646DGG Datasheet HTML 11Page - Texas Instruments SN74ALVCH16646DGG Datasheet HTML 12Page - Texas Instruments SN74ALVCH16646DGG Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VOH
VOL
th
tsu
From Output
Under Test
CL = 30 pF
(see Note A)
LOAD CIRCUIT
S1
Open
GND
1 k
1 k
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
0 V
VOL + 0.15 V
VOH − 0.15 V
0 V
VCC
0 V
0 V
tw
VCC
VCC
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
0 V
VCC
VCC/2
tPHL
VCC/2
VCC/2
VCC
0 V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VCC/2
VCC/2
tPLH
2
× VCC
VCC
SN74ALVCH16646
16-BIT BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCES032F – JULY 1995 – REVISED SEPTEMBER 2004
V
CC = 1.8 V
Figure 2. Load Circuit and Voltage Waveforms
9


유사한 부품 번호 - SN74ALVCH16646DGG

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVCH16646DGG TI-SN74ALVCH16646DGG Datasheet
188Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ALVCH16646DGG

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
   16-Bit Bus Transceiver and Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16646A TI-SN74LVCH16646A_V01 Datasheet
1Mb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A TI-SN74LVCH16652A Datasheet
189Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74AVC16646 TI-SN74AVC16646 Datasheet
225Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16646A TI-SN74LVCH16646A Datasheet
190Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646 TI-SN74ALVCH16646 Datasheet
188Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com