전자부품 데이터시트 검색엔진 |
|
CD4052B-Q1-MIL 데이터시트(PDF) 1 Page - Texas Instruments |
|
CD4052B-Q1-MIL 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 24 page CD4051B-Q1, CD4052B-Q1, CD4053B-Q1 CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC−LEVEL CONVERSION SCHS354A − AUGUST 2004 − REVISED JANUARY 2008 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Features D Qualified for Automotive Applications D Wide Range of Digital and Analog Signal Levels − Digital: 3 V to 20 V − Analog: 3 20 VP-P D Low ON Resistance, 125 Ω (Typ) Over 15 VP-P Signal Input Range for VDD − VEE = 18 V D High OFF Resistance, Channel Leakage of +100 pA (Typ) at VDD − VEE = 18 V D Logic-Level Conversion for Digital Addressing Signals of 3 V to 20 V (VDD − VSS = 3 V to 20 V) to Switch Analog Signals to 20 VP-P (VDD − VEE = 20 V) D Matched Switching Characteristics, ron = 5 Ω (Typ) for VDD − VEE = 15 V D Very Low Quiescent Power Dissipation Under All Digital-Control Input and Supply Conditions, 0.2 µW (Typ) at VDD − VSS = VDD − VEE = 10 V D Binary Address Decoding on Chip D 5-V, 10-V, and 15-V Parametric Ratings D 100% Tested for Quiescent Current at 20 V D Maximum Input Current of 1µA at 18 V Over Full Package Temperature Range, 100 nA at 18 V and 25 °C D Break-Before-Make Switching Eliminates Channel Overlap Applications D Analog and Digital Multiplexing and Demultiplexing D Analog-to-Digital (A/D) and Digital-to-Analog (D/A) Conversion D Signal Gating description/ordering information The CD4051B, CD4052B, and CD4053B analog multiplexers are digitally-controlled analog switches that have low ON impedance and very low OFF leakage current. Control of analog signals up to 20 VP-P can be achieved by digital signal amplitudes of 4.5 V to 20 V (If VDD − VSS = 3 V, a VDD − VEE of up to 13 V can be controlled; for VDD − VEE level differences above 13 V, a VDD − VSS of at least 4.5 V is required). For example, if VDD = 4.5 V, VSS = 0 V, and VEE = −13.5 V, analog signals from −13.5 V to 4.5 V can be controlled by digital inputs of 0 V to 5 V. These multiplexer circuits dissipate extremely low quiescent power over the full VDD − VSS and VDD − VEE supply-voltage ranges, independent of the logic state of the control signals. When a logic high (H) is present at the inhibit (INH) input, all channels are off. ORDERING INFORMATION† TA PACKAGE‡ ORDERABLE PART NUMBER TOP-SIDE MARKING SOIC − M Reel of 2500 CD4051BQM96Q1 CD4051Q TSSOP − PW Reel of 2000 CD4051BQPWRQ1 CM051BQ 40 °C to 125°C SOIC − M Reel of 2500 CD4052BQM96Q1§ CD4052Q −40 °C to 125°C TSSOP − PW Reel of 2000 CD4052BQPWRQ1§ CD4052Q SOIC − M Reel of 2500 CD4053BQM96Q1 CD4053Q TSSOP − PW Reel of 2000 CD4053BQPWRQ1§ CD4053Q † For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at http://www.ti.com. ‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging. § Product Preview Copyright 2008, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. |
유사한 부품 번호 - CD4052B-Q1-MIL |
|
유사한 설명 - CD4052B-Q1-MIL |