전자부품 데이터시트 검색엔진 |
|
74ABT162500DLRG4 데이터시트(PDF) 6 Page - Texas Instruments |
|
74ABT162500DLRG4 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 12 page SN54ABT162500, SN74ABT162500 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS242E – JUNE 1992 – REVISED FEBRUARY 1999 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS TA = 25°C SN54ABT162500 SN74ABT162500 UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN MAX MIN MAX UNIT VIK VCC = 4.5 V, II = –18 mA –1.2 –1.2 –1.2 V VCC = 4.5 V, IOH = –3 mA 2.5 2.5 2.5 A port VCC = 5 V, IOH = –3 mA 3 3 3 A port VCC =4 5V IOH = –24 mA 2 2 VOH VCC = 4.5 V IOH = –32 mA 2* 2 V VOH VCC = 4.5 V, IOH = –1 mA 3.35 3.3 3.35 V B port VCC = 5 V, IOH = –1 mA 3.85 3.8 3.85 B port VCC =4 5V IOH = –3 mA 3.1 3 3.1 VCC = 4.5 V IOH = –12 mA 2.6 2.6 A port VCC =4 5V IOL = 48 mA 0.55 0.55 VOL A port VCC = 4.5 V IOL = 64 mA 0.55* 0.55 V B port VCC = 4.5 V, IOL = 12 mA 0.8 0.8 0.8 Vhys 100 mV Control inputs VCC = 0 to 5.5 V, VI = VCC or GND ±1 ±1 ±1 II A or B ports VCC = 2.1 V to 5.5 V, VI = VCC or GND ±20 ±20 ±20 µA IOZPU VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE or OE = X§ ±50 ±50 ±50 µA IOZPD VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE or OE = X§ ±50 ±50 ±50 µA IOZH‡ VCC = 2.1 V to 5.5 V, VO = 2.7 V, OE ≥ 2 V or OE ≤ 0.8 V 10 10 10 µA IOZL‡ VCC = 2.1 V to 5.5 V, VO = 0.5 V, OE ≥ 2 V or OE ≤ 0.8 V –10 –10 –10 µA Ioff VCC = 0, VI or VO ≤ 4.5 V ±100 ±100 µA ICEX VCC = 5.5 V, VO = 5.5 V Outputs high 50 50 50 µA I ¶ A port VCC =5 5V VO =2 5V –50 –110 –180 –50 –180 –50 –180 mA IO¶ B port VCC = 5.5 V, VO = 2.5 V –25 –55 –90 –25 –90 –25 –90 mA VCC = 5.5 V, Outputs high 3 3 3 ICC A or B ports VCC = 5.5 V, IO = 0, Outputs low 36 36 36 mA VI = VCC or GND Outputs disabled 3 3 3 ∆ICC# VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 50 50 50 µA Ci Control inputs VI = 2.5 V or 0.5 V 3 pF Cio A or B ports VO = 2.5 V or 0.5 V 9 pF * On products compliant to MIL-PRF-38535, this parameter does not apply. † All typical values are at VCC = 5 V. ‡ The parameters IOZH and IOZL include the input leakage current. § For VCC between 2.1 V and 4 V, OE should be less than or equal to 0.5 V to ensure a low state. ¶ Not more than one output should be tested at a time, and the duration of the test should not exceed one second. # This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
유사한 부품 번호 - 74ABT162500DLRG4 |
|
유사한 설명 - 74ABT162500DLRG4 |