전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM5K2E02ABD25 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 AM5K2E02ABD25
상세설명  AM5K2E0x Multicore ARM KeyStone II System-on-Chip (SoC)
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AM5K2E02ABD25 데이터시트(HTML) 2 Page - Texas Instruments

  AM5K2E02ABD25 Datasheet HTML 1Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 2Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 3Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 4Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 5Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 6Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 7Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 8Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 252 page
background image
AM5K2E04, AM5K2E02
SPRS864D – NOVEMBER 2012 – REVISED MARCH 2015
www.ti.com
1.2
Applications
Avionics and Defense
Servers
Communications
Enterprise Networking
Industrial Automation
Cloud Infrastructure
Automation and Process Control
1.3
KeyStone II Architecture
TI's KeyStone II Multicore Architecture provides a unified platform for integrating RISC processing cores
along with both hardware/firmware based application-specific acceleration and high performance I/Os. The
KeyStone II Multicore Architecture is a proven device architecture to achieve the full performance
entitlement through the following major components: TeraNet, Multicore Shared Memory Controller,
Multicore Navigator, and HyperLink.
TeraNet is a multipoint to multipoint non-blocking switch fabric. Its distributed arbiter provides multiple
duplex communication channels in parallel between the master and slave ports without interference. The
priority based arbitration mechanism ensures the delivery of the critical traffic delivery in the system.
The Multicore Shared Memory Controller (MSMC) is the center of the KeyStone II memory architecture. It
provides multiple fast and high-bandwidth channels for processor cores to access DDR and minimizes the
access latency by directly connecting to the DDR. The MSMC also provides the flexibility to expand
processor cores with little impact at the device level. In addition, it provides multi-bank based fast on-chip
SRAM shared among processor cores and IOs. It also provides the I/O cache coherency for the device
when the Cortex-A15 processor core is integrated.
The Multicore Navigator provides a packet-based IPC mechanism among processing cores and packet
based peripherals. The hardware-managed queues supports multiple-in-multiple-out mode without using
mutex. Coupled with the packet-based DMA, the Multicore Navigator provides a highly efficient and
software-friendly tool to offload the processing core to achieve other critical tasks.
HyperLink provides a 50-GBaud chip-level interconnect that allows devices to work in tandem. Its low
latency, low overhead and high throughput makes it an ideal interface for chip-to-chip interconnections.
There are two generations of KeyStone architecture. The AM5K2E0x device is based on KeyStone II,
which integrates a Cortex-A15 processor CorePac.
1.4
Device Description
The AM5K2E0x is a high performance device based on TI's KeyStone II Multicore SoC Architecture,
incorporating the most performance-optimized Cortex-A15 processor dual-core or quad-core CorePac that
can run at a core speed of up to 1.4 GHz. TI's AM5K2E0x device enables a high performance, power-
efficient and easy to use platform for developers of a broad range of applications such as enterprise grade
networking end equipment, data center networking, avionics and defense, medical imaging, test and
automation.
TI's KeyStone II Architecture provides a programmable platform integrating various subsystems (for
example, ARM CorePac (Cortex-A15 Processor Quad Core CorePac), network processing, and uses a
queue-based communication system that allows the device resources to operate efficiently and
seamlessly. This unique device architecture also includes a TeraNet switch that enables the wide mix of
system elements, from programmable cores to high-speed IO, to each operate at maximum efficiency with
no blocking or stalling.
The AM5K2E0x KeyStone II device integrates a large amount of on-chip memory. The Cortex-A15
processor cores each have 32KB of L1Data and 32KB of L1 Instruction cache. The up to four Cortex A15
cores in the ARM CorePac share a 4MB L2 Cache. The device also integrates 2MB of Multicore Shared
Memory (MSMC) that can be used as a shared L3 SRAM. All L2 and MSMC memories incorporate error
detection and error correction. For fast access to external memory, this device includes a 64-bit DDR-3
(72-bit with ECC support) external memory interface (EMIF) running at 1600 MTPS.
2
AM5K2E0x Features and Description
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5K2E04 AM5K2E02


유사한 부품 번호 - AM5K2E02ABD25

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM5K2E02 TI-AM5K2E02 Datasheet
520Kb / 4P
[Old version datasheet]   Applications of the K2H and K2E platforms in high-end imaging
More results

유사한 설명 - AM5K2E02ABD25

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM5K2E04 TI-AM5K2E04_15 Datasheet
1Mb / 252P
[Old version datasheet]   AM5K2E0x Multicore ARM KeyStone II System-on-Chip (SoC)
66AK2G12_1806 TI1-66AK2G12_1806 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_17 Datasheet
8Mb / 355P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_16 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_18 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_19 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
TCI6636K2H TI1-TCI6636K2H Datasheet
7Mb / 362P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com