전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1808EZWTD4 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 AM1808EZWTD4
상세설명  AM1808 ARM짰 Microprocessor
Download  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AM1808EZWTD4 데이터시트(HTML) 7 Page - Texas Instruments

Back Button AM1808EZWTD4 Datasheet HTML 3Page - Texas Instruments AM1808EZWTD4 Datasheet HTML 4Page - Texas Instruments AM1808EZWTD4 Datasheet HTML 5Page - Texas Instruments AM1808EZWTD4 Datasheet HTML 6Page - Texas Instruments AM1808EZWTD4 Datasheet HTML 7Page - Texas Instruments AM1808EZWTD4 Datasheet HTML 8Page - Texas Instruments AM1808EZWTD4 Datasheet HTML 9Page - Texas Instruments AM1808EZWTD4 Datasheet HTML 10Page - Texas Instruments AM1808EZWTD4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 265 page
background image
AM1808
www.ti.com
SPRS653E – FEBRUARY 2010 – REVISED MARCH 2014
3
Device Overview
3.1
Device Characteristics
Table 3-1 provides an overview of the device. The table shows significant features of the device, including
the capacity of on-chip RAM, peripherals, and the package type with pin count.
Table 3-1. Characteristics of the Device
HARDWARE FEATURES
AM1808
DDR2, 16-bit bus width, up to 156 MHz
DDR2/mDDR Controller
Mobile DDR, 16-bit bus width, up to 150 MHz
Asynchronous (8/16-bit bus width) RAM, Flash,
EMIFA
16-bit SDRAM, NOR, NAND
Flash Card Interface
MMC and SD cards supported
64 independent channels, 16 QDMA channels,
EDMA3
2 channel controllers, 3 transfer controllers
4 64-Bit General Purpose (each configurable as 2 separate
Timers
32-bit timers, one configurable as Watch Dog)
UART
3 (each with RTS and CTS flow control)
SPI
2 (Each with one hardware chip select)
I2C
2 (both Master/Slave)
Peripherals
Multichannel Audio Serial Port [McASP]
1 (each with transmit/receive, FIFO buffer, 16 serializers)
Not all peripherals pins
are available at the
Multichannel Buffered Serial Port [McBSP]
2 (each with transmit/receive, FIFO buffer, 16)
same time (for more
10/100 Ethernet MAC with Management Data I/O
1 (MII or RMII Interface)
detail, see the Device
Configurations section).
4 Single Edge, 4 Dual Edge Symmetric, or
eHRPWM
2 Dual Edge Asymmetric Outputs
eCAP
3 32-bit capture inputs or 3 32-bit auxiliary PWM outputs
USB 2.0 (USB0)
High-Speed OTG Controller with on-chip OTG PHY
USB 1.1 (USB1)
Full-Speed OHCI (as host) with on-chip PHY
General-Purpose Input/Output Port
9 banks of 16-bit
LCD Controller
1
SATA Controller
1 (Supports both SATA I and SATAII)
Universal Parallel Port (uPP)
1
Video Port Interface (VPIF)
1 (video in and video out)
PRU Subsystem (PRUSS)
2 Programmable PRU Cores
Size (Bytes)
168KB RAM
ARM
16KB I-Cache
16KB D-Cache
On-Chip Memory
Organization
8KB RAM (Vector Table)
64KB ROM
ADDITIONAL MEMORY
128KB RAM
JTAG BSDL_ID
DEVIDR0 Register
0x0B7D_102F
CPU Frequency
MHz
ARM926 375 MHz (1.2V) or 456 MHz (1.3V)
1.2 V nominal for 375 MHz version
Core (V)
1.3 V nominal for 456 MHz version
Voltage
I/O (V)
1.8V or 3.3 V
13 mm x 13 mm, 361-Ball 0.65 mm pitch, PBGA (ZCE)
Packages
16 mm x 16 mm, 361-Ball 0.80 mm pitch, PBGA (ZWT)
Product Preview (PP),
375 MHz versions - PD
Product Status(1)
Advance Information (AI),
456 MHz versions - PD
or Production Data (PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
Copyright © 2010–2014, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
Product Folder Links: AM1808


유사한 부품 번호 - AM1808EZWTD4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM1808 TI-AM1808 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808 TI-AM1808 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808 TI-AM1808 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808 TI1-AM1808 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM Microprocessor
APRIL2011
AM1808 TI-AM1808 Datasheet
1Mb / 262P
[Old version datasheet]   AM1808 ARM Microprocessor
More results

유사한 설명 - AM1808EZWTD4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808_1112 TI-AM1808_1112 Datasheet
1Mb / 262P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808 TI1-AM1808_11 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM Microprocessor
APRIL2011
AM1808 TI-AM1808 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808_1008 TI-AM1808_1008 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1707 TI1-AM1707_16 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1707 TI-AM1707_15 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1802 TI-AM1802_15 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com