전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH32501ZKFR 데이터시트(PDF) 11 Page - Texas Instruments

부품명 74ALVCH32501ZKFR
상세설명  36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCH32501ZKFR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button 74ALVCH32501ZKFR Datasheet HTML 6Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 7Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 8Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 9Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 10Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 11Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 12Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 13Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
74ALVCH32501ZKFR
LFBGA
ZKF
114
1000
336.6
336.6
41.3
SN74ALVCH32501KR
BGA MICROSTAR
GKF
114
1000
336.6
336.6
41.3
PACKAGE MATERIALS INFORMATION
www.ti.com
27-Jun-2013
Pack Materials-Page 2


유사한 부품 번호 - 74ALVCH32501ZKFR

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501 Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
74ALVCH32501 PHILIPS-74ALVCH32501 Datasheet
121Kb / 15P
   36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
74ALVCH32501EC PHILIPS-74ALVCH32501EC Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
74ALVCH32501EC PHILIPS-74ALVCH32501EC Datasheet
121Kb / 15P
   36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
74ALVCH32501 PHILIPS-74ALVCH32501_04 Datasheet
121Kb / 15P
   36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
More results

유사한 설명 - 74ALVCH32501ZKFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVCH32501 TI-SN74ALVCH32501 Datasheet
160Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501_06 Datasheet
182Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32501 TI1-SN54ABT32501 Datasheet
149Kb / 8P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32543-EP TI1-SN74ABTH32543-EP Datasheet
174Kb / 10P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16601DGGR TI-SN74ALVCH16601DGGR Datasheet
374Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16501 TI1-SN74ALVC16501 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16501 TI-SN74ALVCH16501_06 Datasheet
297Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16501 TI-SN74ALVCH16501 Datasheet
154Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16601 TI-SN74ALVCH16601 Datasheet
142Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com