전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVC16373DGGRG4 데이터시트(PDF) 3 Page - Texas Instruments

부품명 74AVC16373DGGRG4
상세설명  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74AVC16373DGGRG4 데이터시트(HTML) 3 Page - Texas Instruments

  74AVC16373DGGRG4 Datasheet HTML 1Page - Texas Instruments 74AVC16373DGGRG4 Datasheet HTML 2Page - Texas Instruments 74AVC16373DGGRG4 Datasheet HTML 3Page - Texas Instruments 74AVC16373DGGRG4 Datasheet HTML 4Page - Texas Instruments 74AVC16373DGGRG4 Datasheet HTML 5Page - Texas Instruments 74AVC16373DGGRG4 Datasheet HTML 6Page - Texas Instruments 74AVC16373DGGRG4 Datasheet HTML 7Page - Texas Instruments 74AVC16373DGGRG4 Datasheet HTML 8Page - Texas Instruments 74AVC16373DGGRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1OE
2OE
1EN
1
C3
48
1LE
3D
47
1D1
46
1D2
44
1D3
43
1D4
1Q1
2
1Q2
3
1Q3
5
1Q4
6
41
1D5
40
1D6
38
1D7
37
1D8
1Q5
8
1Q6
9
1Q7
11
1Q8
12
4D
36
2D1
35
2D2
33
2D3
32
2D4
2Q1
13
2Q2
14
2Q3
16
2Q4
17
30
2D5
29
2D6
27
2D7
26
2D8
2Q5
19
2Q6
20
2Q7
22
2Q8
23
2EN
24
C4
25
2LE
1
2
1OE
1LE
1D1
To Seven Other Channels
1Q1
2OE
2LE
2D1
2Q1
To Seven Other Channels
1
48
47
24
25
36
C1
1D
13
2
C1
1D
SN74AVC16373
www.ti.com ..................................................................................................................................... SCES156H – DECEMBER 1998 – REVISED SEPTEMBER 2008
FUNCTION TABLE
(EACH 8-BIT LATCH)
INPUTS
OUTPUT
Q
OE
LE
D
L
H
H
H
L
H
L
L
L
L
X
Q0
H
X
X
Z
LOGIC SYMBOL(1)
(1)
This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
LOGIC DIAGRAM (POSITIVE LOGIC)
Copyright © 1998–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74AVC16373


유사한 부품 번호 - 74AVC16373DGGRG4

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVC16373DGG PHILIPS-74AVC16373DGG Datasheet
87Kb / 16P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74AVC16373DGG NEXPERIA-74AVC16373DGG Datasheet
215Kb / 15P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
More results

유사한 설명 - 74AVC16373DGGRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16373 PERICOM-PI74ALVCH16373 Datasheet
91Kb / 5P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162373 TI-SN74ALVCH162373 Datasheet
215Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com