전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

9314DMQB 데이터시트(PDF) 3 Page - Texas Instruments

부품명 9314DMQB
상세설명  Quad Latch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

9314DMQB 데이터시트(HTML) 3 Page - Texas Instruments

  9314DMQB Datasheet HTML 1Page - Texas Instruments 9314DMQB Datasheet HTML 2Page - Texas Instruments 9314DMQB Datasheet HTML 3Page - Texas Instruments 9314DMQB Datasheet HTML 4Page - Texas Instruments 9314DMQB Datasheet HTML 5Page - Texas Instruments 9314DMQB Datasheet HTML 6Page - Texas Instruments 9314DMQB Datasheet HTML 7Page - Texas Instruments 9314DMQB Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
Military
b
55 Cto a125 C
Commercial
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
Military
Commercial
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
08
b
08
mA
IOL
Low Level Output Current
16
16
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
ts (H)
Setup Time HIGH or LOW
50
50
ns
ts (L)
Dn to E
18
18
th (H)
Hold Time HIGH or LOW
0
0
ns
th (L)
Dn to E
50
50
ts (H)
Setup Time HIGH Dn to Sn
80
80
ns
th (L)
Hold Time LOW Dn to Sn
80
80
ns
tw (L)
E Pulse Width LOW
18
18
ns
tw (L)
MR Pulse Width LOW
18
18
ns
trec
Recovery Time MR to E
00
ns
Electrical Characteristics
Over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb 12 mA
b
15
V
VOH
High Level Output Voltage
VCC e Min IOH e Max
24
34
V
VIL e Max
VOL
Low Level Output Voltage
VCC e Min IOL e Max
02
04
V
VIH e Min
II
Input Current
Max
VCC e Min VI e 55V
1mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 24V
40
m
A
Data Inputs
60
IIL
Low Level Input Current
VCC e Max VI e 04V
b
16
mA
Data Inputs
b
27
IOS
Short Circuit
VCC e Max
MIL
b
20
b
70
mA
Output Current
(Note 2)
COM
b
20
b
70
ICC
Supply Current
VCC e Max
55
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
2


유사한 부품 번호 - 9314DMQB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
9314DMQB NSC-9314DMQB Datasheet
123Kb / 6P
   Quad Latch
More results

유사한 설명 - 9314DMQB

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC10168 MOTOROLA-MC10168 Datasheet
73Kb / 4P
   Quad Latch
logo
Fairchild Semiconductor
DM74LS75 FAIRCHILD-DM74LS75 Datasheet
49Kb / 5P
   Quad Latch
logo
ON Semiconductor
MC10153 ONSEMI-MC10153_02 Datasheet
111Kb / 8P
   Quad Latch
January, 2002 ??Rev. 7
MC10153 ONSEMI-MC10153 Datasheet
107Kb / 5P
   Quad Latch
1996 REV 5
logo
National Semiconductor ...
93L14 NSC-93L14 Datasheet
106Kb / 6P
   Quad Latch
logo
Fairchild Semiconductor
DM93L14 FAIRCHILD-DM93L14 Datasheet
115Kb / 5P
   Quad Latch
logo
National Semiconductor ...
9314 NSC-9314 Datasheet
123Kb / 6P
   Quad Latch
logo
LANSDALE Semiconductor ...
ML43350 LANSDALE-ML43350 Datasheet
2Mb / 4P
   Quad Latch
logo
Motorola, Inc
MC10133 MOTOROLA-MC10133 Datasheet
89Kb / 4P
   Quad Latch
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
   Quad D latch
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com