전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT4051-Q1 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT4051-Q1
상세설명  HIGH-SPEED CMOS LOGIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT4051-Q1 데이터시트(HTML) 8 Page - Texas Instruments

Back Button CD74HCT4051-Q1 Datasheet HTML 4Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 5Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 6Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 7Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 8Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 9Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 10Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 11Page - Texas Instruments CD74HCT4051-Q1 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CD74HCT4051-Q1
HIGH-SPEED CMOS LOGIC
ANALOG MULTIPLEXER/DEMULTIPLEXER
SCLS569B − JANUARY 2004 − REVISED APRIL 2008
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Input Signal Voltage − V
Figure 9. Typical ON Resistance vs Input Signal Voltage
120
100
80
60
40
20
12
3
4
5
6
7
8
9
VCC − VEE = 4.5 V
VCC − VEE = 6 V
VCC − VEE = 9 V
Frequency − Hz
Figure 10. Channel ON Bandwidth
10K
100K
1M
10M
100M
−4
−6
−8
−10
−2
0
VCC = 4.5 V
GND = −4.5 V
VEE = −4.5 V
RL = 50 Ω
Pin 12 to 3
VCC = 2.25 V
GND = −2.25 V
VEE = −2.25 V
RL = 50 Ω
Pin 12 to 3
Figure 11. Channel OFF Feedthrough
Frequency − Hz
10K
100K
1M
10M
100M
−80
−100
−20
0
−40
−60
VCC = 4.5 V
GND = −4.5 V
VEE = −4.5 V
RL = 50 Ω
Pin 12 to 3
VCC = 2.25 V
GND = −2.25 V
VEE = −2.25 V
RL = 50 Ω
Pin 12 to 3


유사한 부품 번호 - CD74HCT4051-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
236Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
More results

유사한 설명 - CD74HCT4051-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
[Old version datasheet]   HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC595 SS-54HC595_V01 Datasheet
1Mb / 9P
   High Speed CMOS Logic
Rev 1.2 22/12/21
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
   High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
   High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
   High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
   High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
   High Speed CMOS Logic
54HC00 SS-54HC00 Datasheet
372Kb / 5P
   High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
   High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
   High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
   High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com