전자부품 데이터시트 검색엔진 |
|
SN74CBTLV16211GR 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
SN74CBTLV16211GR 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 12 page SN74CBTLV16211 LOW VOLTAGE 24BIT FET BUS SWITCH SCDS043I − DECEMBER 1997 − REVISED OCTOBER 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Member of the Texas Instruments Widebus Family D 5-Ω Switch Connection Between Two Ports D Rail-to-Rail Switching on Data I/O Ports D Ioff Supports Partial-Power-Down Mode Operation D Latch-Up Performance Exceeds 250 mA Per JESD 17 D ESD Protection Exceeds JESD 22 − 2000-V Human-Body Model (A114-A) − 200-V Machine Model (A115-A) description/ordering information The SN74CBTLV16211 provides 24 bits of high-speed bus switching. The low on-state resistance of the switch allows connections to be made with minimal propagation delay. The device is organized as dual 12-bit bus switches with separate output-enable (OE) inputs. It can be used as two 12-bit bus switches or as one 24-bit bus switch. When OE is low, the associated 12-bit bus switch is on, and port A is connected to port B. When OE is high, the switch is open, and the high-impedance state exists between the two ports. This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that damaging current will not backflow through the device when it is powered down. The device has isolation during power off. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING SSOP − DL Tube SN74CBTLV16211DL CBTLV16211 −40 °C to 85°C SSOP − DL Tape and reel SN74CBTLV16211DLR CBTLV16211 −40 °C to 85°C TSSOP − DGG Tape and reel SN74CBTLV16211GR CBTLV16211 TVSOP − DGV Tape and reel SN74CBTLV16211VR CN211 † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright 2003, Texas Instruments Incorporated DGG, DGV, OR DL PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 NC 1A1 1A2 1A3 1A4 1A5 1A6 GND 1A7 1A8 1A9 1A10 1A11 1A12 2A1 2A2 VCC 2A3 GND 2A4 2A5 2A6 2A7 2A8 2A9 2A10 2A11 2A12 1OE 2OE 1B1 1B2 1B3 1B4 1B5 GND 1B6 1B7 1B8 1B9 1B10 1B11 1B12 2B1 2B2 2B3 GND 2B4 2B5 2B6 2B7 2B8 2B9 2B10 2B11 2B12 NC − No internal connection Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Widebus is a trademark of Texas Instruments. |
유사한 부품 번호 - SN74CBTLV16211GR |
|
유사한 설명 - SN74CBTLV16211GR |