전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74GTLPH306 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SN74GTLPH306
상세설명  8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTLPH306 데이터시트(HTML) 4 Page - Texas Instruments

  SN74GTLPH306_15 Datasheet HTML 1Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 2Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 3Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 4Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 5Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 6Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 7Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 8Page - Texas Instruments SN74GTLPH306_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Recommended Operating Conditions
(1) (2) (3) (4)
SN74GTLPH306
8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SCES284E – OCTOBER 1999 – REVISED APRIL 2005
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3.15
3.3
3.45
V
GTL
1.14
1.2
1.26
VTT
Termination voltage
V
GTLP
1.35
1.5
1.65
GTL
0.74
0.8
0.87
VREF
Reference voltage
V
GTLP
0.87
1
1.1
B port
VTT
VI
Input voltage
V
Except B port
VCC
5.5
B port
VREF + 0.05
VIH
High-level input voltage
V
Except B port
2
B port
VREF – 0.05
VIL
Low-level input voltage
V
Except B port
0.8
IIK
Input clamp current
–18
mA
IOH
High-level output current
A port
–24
mA
A port
24
IOL
Low-level output current
mA
B port
50
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
ns/V
∆t/∆V
CC
Power-up ramp rate
20
µs/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
Proper connection sequence for use of the B-port I/O precharge feature is GND and BIAS VCC = 3.3 V first, I/O second, and VCC = 3.3 V
last, because the BIAS VCC precharge circuitry is disabled when any VCC pin is connected. The control and VREF inputs can be
connected anytime, but normally are connected during the I/O stage. If B-port precharge is not required, any connection sequence is
acceptable, but generally, GND is connected first.
(3)
VTT and RTT can be adjusted to accommodate backplane impedances if the dc recommended IOL ratings are not exceeded.
(4)
VREF can be adjusted to optimize noise margins, but normally is two-thirds VTT. TI-OPC circuitry is enabled in the A-to-B direction and is
activated when VTT > 0.7 V above VREF. If operated in the A-to-B direction, VREF should be set to within 0.6 V of VTT to minimize current
drain.
4


유사한 부품 번호 - SN74GTLPH306_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74GTLPH306DGVR TI-SN74GTLPH306DGVR Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306DW TI-SN74GTLPH306DW Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306DWR TI-SN74GTLPH306DWR Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306PWR TI-SN74GTLPH306PWR Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results

유사한 설명 - SN74GTLPH306_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74GTLPH306 TI-SN74GTLPH306 Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP8T306 FAIRCHILD-GTLP8T306 Datasheet
58Kb / 7P
   8-Bit LVTTL/GTLP Bus Transceiver
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32945 TI-SN74GTLPH32945 Datasheet
282Kb / 15P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16612 TI-SN74GTLPH16612 Datasheet
166Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com