전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74GTLPH1645DGGR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74GTLPH1645DGGR
상세설명  16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTLPH1645DGGR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74GTLPH1645DGGR Datasheet HTML 1Page - Texas Instruments SN74GTLPH1645DGGR Datasheet HTML 2Page - Texas Instruments SN74GTLPH1645DGGR Datasheet HTML 3Page - Texas Instruments SN74GTLPH1645DGGR Datasheet HTML 4Page - Texas Instruments SN74GTLPH1645DGGR Datasheet HTML 5Page - Texas Instruments SN74GTLPH1645DGGR Datasheet HTML 6Page - Texas Instruments SN74GTLPH1645DGGR Datasheet HTML 7Page - Texas Instruments SN74GTLPH1645DGGR Datasheet HTML 8Page - Texas Instruments SN74GTLPH1645DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
DGG OR DGV PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1DIR
1A1
1A2
GND
1A3
1A4
VCC
GND
1A5
1A6
GND
1A7
1A8
GND
ERC
2A1
2A2
GND
2A3
2A4
GND
VCC
2A5
2A6
GND
2A7
2A8
2DIR
1OE
1B1
1B2
GND
1B3
1B4
VCC
GND
1B5
1B6
GND
1B7
1B8
BIAS VCC
VREF
2B1
2B2
GND
2B3
2B4
GND
VCC
2B5
2B6
GND
2B7
2B8
2OE
DESCRIPTION/ORDERING INFORMATION
SN74GTLPH1645
16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SCES290D – OCTOBER 1999 – REVISED JUNE 2005
Member of the Texas Instruments Widebus™
Family
TI-OPC™ Circuitry Limits Ringing on
Unevenly Loaded Backplanes
OEC™ Circuitry Improves Signal Integrity and
Reduces Electromagnetic Interference
Bidirectional Interface Between GTLP Signal
Levels and LVTTL Logic Levels
LVTTL Interfaces Are 5-V Tolerant
High-Drive GTLP Outputs (100 mA)
LVTTL Outputs (–24 mA/24 mA)
Variable Edge-Rate Control (ERC) Input
Selects GTLP Rise and Fall Times for Optimal
Data-Transfer Rate and Signal Integrity in
Distributed Loads
Ioff, Power-Up 3-State, and BIAS VCC Support
Live Insertion
Bus Hold on A-Port Data Inputs
Distributed VCC and GND Pins Minimize
High-Speed Switching Noise
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
The SN74GTLPH1645 is a high-drive, 16-bit bus transceiver that provides LVTTL-to-GTLP and GTLP-to-LVTTL
signal-level translation. It is partitioned as two 8-bit transceivers. The device provides a high-speed interface
between cards operating at LVTTL logic levels and a backplane operating at GTLP signal levels. High-speed
(about three times faster than standard LVTTL or TTL) backplane operation is a direct result of GTLP's reduced
output swing (<1 V), reduced input threshold levels, improved differential input, OEC™ circuitry, and TI-OPC™
circuitry. Improved GTLP OEC and TI-OPC circuits minimize bus-settling time and have been designed and
tested using several backplane models. The high drive allows incident-wave switching in heavily loaded
backplanes with equivalent load impedance down to 11
Ω.
GTLP is the Texas Instruments derivative of the Gunning Transceiver Logic (GTL) JEDEC standard JESD 8-3.
The ac specification of the SN74GTLPH1645 is given only at the preferred higher noise-margin GTLP, but the
user has the flexibility of using this device at either GTL (VTT = 1.2 V and VREF = 0.8 V) or GTLP (VTT = 1.5 V and
VREF = 1 V) signal levels.
Normally, the B port operates at GTLP signal levels. The A-port and control inputs operate at LVTTL logic levels,
but are 5-V tolerant and are compatible with TTL and 5-V CMOS inputs. VREF is the B-port differential input
reference voltage.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus, TI-OPC, OEC are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - SN74GTLPH1645DGGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74GTLPH1645DGGR TI-SN74GTLPH1645DGGR Datasheet
259Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
More results

유사한 설명 - SN74GTLPH1645DGGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74GTLPH1645 TI-SN74GTLPH1645 Datasheet
259Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH1655 TI-SN74GTLPH1655 Datasheet
173Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH3245 TI1-SN74GTLPH3245 Datasheet
435Kb / 19P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLP1395PWRG4 TI1-SN74GTLP1395PWRG4 Datasheet
917Kb / 24P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
logo
Fairchild Semiconductor
GTLP16T1655 FAIRCHILD-GTLP16T1655 Datasheet
107Kb / 14P
   16-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH1616 TI1-SN74GTLPH1616 Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com