전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC37J84IAAV 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC37J84IAAV
상세설명  Digital-to-Analog Converters
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC37J84IAAV 데이터시트(HTML) 11 Page - Texas Instruments

Back Button DAC37J84IAAV Datasheet HTML 7Page - Texas Instruments DAC37J84IAAV Datasheet HTML 8Page - Texas Instruments DAC37J84IAAV Datasheet HTML 9Page - Texas Instruments DAC37J84IAAV Datasheet HTML 10Page - Texas Instruments DAC37J84IAAV Datasheet HTML 11Page - Texas Instruments DAC37J84IAAV Datasheet HTML 12Page - Texas Instruments DAC37J84IAAV Datasheet HTML 13Page - Texas Instruments DAC37J84IAAV Datasheet HTML 14Page - Texas Instruments DAC37J84IAAV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 122 page
background image
DAC37J84, DAC38J84
www.ti.com
SLASE17B – JANUARY 2014 – REVISED MARCH 2014
6.6 Digital Electrical Characteristics
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
DAC37J84
DAC38J84
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
CML SERDES INPUTS: RX[7:0]P/N
VDIFF
Receiver Input Amplitude
50
1200
50
1200
mV
Input Common Mode
600
600
(TERM=111)
Input Common Mode
700
700
(TERM=001)
VCOM
mV
Input Common Mode
0
0
(TERM=100)
Input Common Mode
250
250
(TERM=101)
Internal differential
ZDIFF
85
100
115
85
100
115
Ω
termination
fDATA
Serdes bit rate
0.78125
12.5
0.78125
12.5
Gbps
LVPECL INPUTS: SYSREFP/N
VCOM
Input common mode voltage
0.5
0.5
V
Differential input peak-to-
VIDPP
400
800
400
800
mV
peak voltage
ZT
Internal termination
100
100
Ω
CL
Input capacitance
2
2
pF
LVPECL INPUTS: DACCLKP/N
VCOM
Input common mode voltage
0.5
0.5
V
Differential input peak-to-
VIDPP
400
800
400
800
mV
peak voltage
ZT
Internal termination
100
100
Ω
CL
Input capacitance
2
2
pF
Duty cycle
40%
60%
40%
60%
DACCLKP/N Input
fDACCLK
1.6
2.5
GHz
Frequency
LVDS OUTPUTS: SYNCBP/N
Output common mode
VCOM
1.2
1.2
V
voltage
ZT
Internal termination
100
100
Ω
Differential output voltage
VOD
0.5
0.5
V
swing
CMOS INTERFACE: SDENB, SCLK, SDIO, SDO, TXENA, ALARM, RESETB, SLEEP, TMS, TCLK, TDI, TDO, TRSTB, TESTMODE, SYNC_N_AB,
SYNC_N_CD
0.7 x
0.7 x
VIH
High-level input voltage
V
VDDIO
VDDIO
0.3 x
0.3 x
VIL
Low-level input voltage
VDDI
V
VDDIO
O
IIH
High-level input current
-40
40
-40
40
µA
IIL
Low-level input current
-40
40
-40
40
µA
CI
CMOS Input capacitance
2
2
pF
VDDIO –
VDDIO –
Iload =–100
μA
0.2
0.2
VOH
ALARM, SDO, SDIO, TDO
V
0.8 x
0.8 x
Iload = –2 mA
VDDIO
VDDIO
Iload = 100
μA
0.2
0.2
VOL
ALARM, SDO, SDIO, TDO
V
Iload = 2 mA
0.5
0.5
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DAC37J84 DAC38J84


유사한 부품 번호 - DAC37J84IAAV

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC37J82 TI-DAC37J82 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC37J82 TI1-DAC37J82 Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC37J82IAAV TI-DAC37J82IAAV Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC37J82IAAV TI1-DAC37J82IAAV Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC37J82IAAVR TI-DAC37J82IAAVR Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
More results

유사한 설명 - DAC37J84IAAV

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com