전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G126DCKTG4 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 74LVC1G126DCKTG4
상세설명  Single Bus Buffer Gate With 3-State Output
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G126DCKTG4 데이터시트(HTML) 1 Page - Texas Instruments

  74LVC1G126DCKTG4 Datasheet HTML 1Page - Texas Instruments 74LVC1G126DCKTG4 Datasheet HTML 2Page - Texas Instruments 74LVC1G126DCKTG4 Datasheet HTML 3Page - Texas Instruments 74LVC1G126DCKTG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G126DCKTG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G126DCKTG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G126DCKTG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G126DCKTG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G126DCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
A
Y
OE
1
2
4
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC1G126
SCES224R – APRIL 1999 – REVISED JANUARY 2015
SN74LVC1G126 Single Bus Buffer Gate With 3-State Output
1 Features
2 Applications
1
Available in the Texas Instruments
Cable Modem Termination Systems
NanoFree™ Package
High-Speed Data Acquisition and Generation
Supports 5-V VCC Operation
Military: Radars and Sonars
Inputs Accept Voltages to 5.5 V
Motor Controls: High-Voltage
Provides Down Translation to VCC
Power Line Communication Modems
Max tpd of 3.7 ns at 3.3 V
SSDs: Internal or External
Low Power Consumption, 10-
μA Max ICC
Video Broadcasting and Infrastructure: Scalable
±24-mA Output Drive at 3.3 V
Platforms
Ioff Supports Live Insertion, Partial-Power-Down
Video Broadcasting: IP-Based Multi-Format
Mode, and Back Drive Protection
Transcoders
Latch-Up Performance Exceeds 100 mA
Video Communication Systems
Per JESD 78, Class II
3 Description
ESD Protection Exceeds JESD 22
This single buffer is designed for 1.65-V to 3.6-V VCC
2000-V Human-Body Model
operation. The LVC1G126 device is a single line
200-V Machine Model
driver with 3-state output. The output is disabled
1000-V Charged-Device Model
when the output-enable input is low.
Device Information(1)
PART NUMBER
PACKAGE (PIN)
BODY SIZE
SOT-23 (5)
2.90 mm × 1.60 mm
SC70 (5)
2.00 mm × 1.25 mm
SN74LVC1G126
SOT (5)
1.60 mm × 1.20 mm
SON (6)
1.00 mm × 1.00 mm
XBGA (5)
1.40 mm × 0.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - 74LVC1G126DCKTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74LVC1G126DCKTG4 TI-74LVC1G126DCKTG4 Datasheet
470Kb / 18P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

유사한 설명 - 74LVC1G126DCKTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com