전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC088S085 데이터시트(PDF) 11 Page - Texas Instruments

부품명 DAC088S085
상세설명  DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC088S085 데이터시트(HTML) 11 Page - Texas Instruments

Back Button DAC088S085_16 Datasheet HTML 7Page - Texas Instruments DAC088S085_16 Datasheet HTML 8Page - Texas Instruments DAC088S085_16 Datasheet HTML 9Page - Texas Instruments DAC088S085_16 Datasheet HTML 10Page - Texas Instruments DAC088S085_16 Datasheet HTML 11Page - Texas Instruments DAC088S085_16 Datasheet HTML 12Page - Texas Instruments DAC088S085_16 Datasheet HTML 13Page - Texas Instruments DAC088S085_16 Datasheet HTML 14Page - Texas Instruments DAC088S085_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11
DAC088S085
www.ti.com
SNAS424D – AUGUST 2007 – REVISED APRIL 2016
Product Folder Links: DAC088S085
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VA = 2.7 V to 5.5 V, VREF1,2 = VA, fSCLK = 30 MHz, TA = 25°C, unless otherwise stated
Figure 14. Full-Scale Error vs VREF
Figure 15. Full-Scale Error vs fSCLK
Figure 16. Full-Scale Error vs Temperature
Figure 17. IVA vs VA
Figure 18. IVA vs Temperature
Figure 19. IVREF vs VREF


유사한 부품 번호 - DAC088S085_16

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC088S085CIMT NSC-DAC088S085CIMT Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085CIMTX NSC-DAC088S085CIMTX Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085CISQ NSC-DAC088S085CISQ Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085CISQX NSC-DAC088S085CISQX Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085EB NSC-DAC088S085EB Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results

유사한 설명 - DAC088S085_16

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC088S085 NSC-DAC088S085 Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC108S085 NSC-DAC108S085 Datasheet
521Kb / 24P
   10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC128S085 TI1-DAC128S085_15 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit Micro-Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
DAC108S085 TI1-DAC108S085_15 Datasheet
1Mb / 36P
[Old version datasheet]   DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
   8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com