전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC1209 데이터시트(PDF) 7 Page - Texas Instruments

부품명 DAC1209
상세설명  DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1209 데이터시트(HTML) 7 Page - Texas Instruments

Back Button DAC1209 Datasheet HTML 3Page - Texas Instruments DAC1209 Datasheet HTML 4Page - Texas Instruments DAC1209 Datasheet HTML 5Page - Texas Instruments DAC1209 Datasheet HTML 6Page - Texas Instruments DAC1209 Datasheet HTML 7Page - Texas Instruments DAC1209 Datasheet HTML 8Page - Texas Instruments DAC1209 Datasheet HTML 9Page - Texas Instruments DAC1209 Datasheet HTML 10Page - Texas Instruments DAC1209 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Application Hints
10 DIGITAL INTERFACE
These DACs are designed to provide all of the necessary
digital input circuitry to permit a direct interface to a wide
variety of microprocessor systems The timing and logic lev-
el convention of the input control signals allow the DACs to
be treated as a typical memory device or IO peripheral with
no external logic required in most systems Essentially
these DACs can be mapped as a two-byte stack in memory
(or IO space) to receive their 12 bits of input data in two
successive 8-bit data writing sequences The DAC1230 se-
ries is intended for use in systems with an 8-bit data bus
The DAC1208 series provides all 12 digital input lines which
can be externally configured to be controlled from an 8-bit
bus or can be driven directly from a 16-bit data bus
All of the digital inputs to these DACs contain a unique
threshold regulator circuit to maintain TTL voltage level
compatibility independent of the applied VCC to the DAC
Any input can also be driven from higher voltage CMOS
logic levels in non-microprocessor based systems To pre-
vent damage to the chip from static discharge all unused
digital inputs should be tied to VCC or ground As a trouble-
shooting aid if any digital input is inadvertently left floating
the DAC will interpret the pin as a logic ‘‘1’’
Double buffered digital inputs allow the DAC to internally
format the 12-bit word used to set the current switching R-
2R ladder network (see section 20) from two 8-bit data
write cycles
Figures 1 and 2 show the internal data regis-
ters and their controlling logic circuitry The timing diagrams
for updating the DAC output are shown in sections 11 12
and 13 for three possible control modes The method used
depends strictly upon the particular application
FIGURE 1 DAC1208 DAC1209 DAC1210 Functional Diagram
TLH5690 – 6
FIGURE 2 DAC1230 DAC1231 DAC1232 Functional Diagram
6


유사한 부품 번호 - DAC1209

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC1209LCJ NSC-DAC1209LCJ Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC1209LCJ NSC-DAC1209LCJ Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
More results

유사한 설명 - DAC1209

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
DAC1208 NSC-DAC1208 Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC0830 NSC-DAC0830 Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
ADC1205 NSC-ADC1205 Datasheet
327Kb / 18P
   12-Bit Plus Sign mP Compatible A/D Converters
DAC1006 NSC-DAC1006 Datasheet
369Kb / 22P
   uP Compatible, Double-Buffered D to A Converters
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
logo
Texas Instruments
DAC0830 TI-DAC0830 Datasheet
1Mb / 29P
[Old version datasheet]   DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
NXP Semiconductors
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
   10-Bit mP-compatible D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com