전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC1280IPWR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC1280IPWR
상세설명  Low Distortion Digital-to-Analog Converter for Seismic Monitoring
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1280IPWR 데이터시트(HTML) 4 Page - Texas Instruments

  DAC1280IPWR Datasheet HTML 1Page - Texas Instruments DAC1280IPWR Datasheet HTML 2Page - Texas Instruments DAC1280IPWR Datasheet HTML 3Page - Texas Instruments DAC1280IPWR Datasheet HTML 4Page - Texas Instruments DAC1280IPWR Datasheet HTML 5Page - Texas Instruments DAC1280IPWR Datasheet HTML 6Page - Texas Instruments DAC1280IPWR Datasheet HTML 7Page - Texas Instruments DAC1280IPWR Datasheet HTML 8Page - Texas Instruments DAC1280IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
I
, |
= 0.94
AVDD
(1 + 22
Gain)
I
|
AVSS
·
·
V
R
REF
REF
DAC1280
SBAS432A – APRIL 2010 – REVISED SEPTEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum/maximum specifications at –40°C to +85°C, typical specifications at +25°C, AVDD = +2.5V, AVSS = –2.5V, DVDD =
3.3V, CLK = 4.096MHz, VREF = 5V, and RREF = 30kΩ, unless otherwise noted. Refer to circuit configuration shown in
Figure 35.
DAC1280
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE RESISTOR (RREF)
Reference resistor
28
30
60
k
Ω
DIGITAL INPUTS (DVDD = 1.65V to 3.6V)
VIH
0.8 × DVDD
DVDD
V
VIL
DGND
0.2 × DVDD
V
Input hysteresis
0.5
V
Input leakage
0 < VIN < DVDD
–10
10
mA
CLOCK INPUT (fCLK)
Frequency
1
4.096
MHz
TDATA INPUT
Frequency
fCLK/16
MHz
1s density modulation
25
75
%
POWER SUPPLY
AVSS
–2.6
0
V
AVDD
AVSS + 4.75
AVSS + 5.25
V
DVDD
1.65
3.6
V
Gain = 1/1
3.6
3.7
| mA |
AVDD, AVSS current(8)
Power-down
1
10
| mA |
Operating
60
150
mA
DVDD current
Power-down(9)
1
10
mA
Gain = 1/1
18
mW
Power dissipation
Power-down
8
mW
TEMPERATURE RANGE
Specified temperature range
–40
+85
°C
Operating temperature range
–40
+125
°C
Storage temperature range
–40
+150
°C
(8)
Typical analog supply current depends on gain, VREF, and RREF:
(9)
CLK and TDATA stopped. Digital inputs maintained at VIH or VIL levels.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC1280


유사한 부품 번호 - DAC1280IPWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC1280 TI-DAC1280 Datasheet
618Kb / 24P
[Old version datasheet]   Very Low Distortion Digital-to-Analog Converter for Seismic Applications
More results

유사한 설명 - DAC1280IPWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC1282 TI1-DAC1282 Datasheet
1Mb / 43P
[Old version datasheet]   LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
DAC1282 TI1-DAC1282_15 Datasheet
1Mb / 46P
[Old version datasheet]   Low Distortion Digital-to-Analog Converter for Seismic
DAC1280 TI-DAC1280 Datasheet
618Kb / 24P
[Old version datasheet]   Very Low Distortion Digital-to-Analog Converter for Seismic Applications
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
   LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
Frequency Devices, Inc.
VM8DAC FREQUENCYDEVICES-VM8DAC Datasheet
117Kb / 2P
   Low Noise Digital to Analog Converter
logo
Analog Devices
ADC1121 AD-ADC1121 Datasheet
2Mb / 6P
   Low Power Analog to Digital Converter
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com