전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G19GW 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74LVC1G19GW
상세설명  1-of-2 decoder/demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G19GW 데이터시트(HTML) 3 Page - NXP Semiconductors

  74LVC1G19GW Datasheet HTML 1Page - NXP Semiconductors 74LVC1G19GW Datasheet HTML 2Page - NXP Semiconductors 74LVC1G19GW Datasheet HTML 3Page - NXP Semiconductors 74LVC1G19GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G19GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G19GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G19GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G19GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G19GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2004 Oct 18
3
Philips Semiconductors
Product specification
1-of-2 decoder/demultiplexer
74LVC1G19
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
ORDERING INFORMATION
PINNING
INPUT
OUTPUT
E
A
1Y
2Y
LLL
H
LH
HL
HLH
H
HHHH
TYPE NUMBER
PACKAGE
TEMPERATURE RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74LVC1G19GW
−40 °C to +125 °C
6
SC-88
plastic
SOT363
VY
74LVC1G19GV
−40 °C to +125 °C
6
SC-74
plastic
SOT457
V19
74LVC1G19GM
−40 °C to +125 °C
6
XSON6
plastic
SOT886
VY
PIN
SYMBOL
DESCRIPTION
1
A
data input
2
GND
ground (0 V)
3
E
data input
4
2Y
data output
5VCC
supply voltage
6
1Y
data output


유사한 부품 번호 - 74LVC1G19GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G19GW NXP-74LVC1G19GW Datasheet
82Kb / 15P
   1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
74LVC1G19GW NXP-74LVC1G19GW Datasheet
126Kb / 18P
   1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Nexperia B.V. All right...
74LVC1G19GW NEXPERIA-74LVC1G19GW Datasheet
244Kb / 16P
   1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
74LVC1G19GW-Q100 NEXPERIA-74LVC1G19GW-Q100 Datasheet
758Kb / 12P
   1-of-2 decoder/demultiplexer
logo
NXP Semiconductors
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
   1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
More results

유사한 설명 - 74LVC1G19GW

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
   1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
logo
NXP Semiconductors
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
   1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
   1-of-2 decoder/demultiplexer
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
216Kb / 11P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74LVC1G19 NXP-74LVC1G19 Datasheet
82Kb / 15P
   1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19 Datasheet
161Kb / 5P
   1-OF-2 DECODER/DEMULTIPLEXER
logo
Texas Instruments
SN74AUC1G19 TI-SN74AUC1G19_1 Datasheet
752Kb / 17P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com