전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC7553IRGTR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC7553IRGTR
상세설명  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7553IRGTR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button DAC7553IRGTR Datasheet HTML 5Page - Texas Instruments DAC7553IRGTR Datasheet HTML 6Page - Texas Instruments DAC7553IRGTR Datasheet HTML 7Page - Texas Instruments DAC7553IRGTR Datasheet HTML 8Page - Texas Instruments DAC7553IRGTR Datasheet HTML 9Page - Texas Instruments DAC7553IRGTR Datasheet HTML 10Page - Texas Instruments DAC7553IRGTR Datasheet HTML 11Page - Texas Instruments DAC7553IRGTR Datasheet HTML 12Page - Texas Instruments DAC7553IRGTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
0
0.05
0.1
0.15
0.2
0
5
10
15
Typical for All Channels
VDD = 2.7 V,
VREF = 2.5 V
VDD = 5.5 V,
VREF = 4.096 V
ISINK − Sink Current − mA
DAC Loaded with 000h
5.20
5.30
5.40
5.50
0
5
10
15
Typical for All Channels
VDD = VREF = 5.5 V
ISOURCE − Source Current − mA
DAC Loaded with FFFh
2.4
2.5
2.6
2.7
0
5
10
15
Typical for All Channels
VDD = VREF = 2.7 V
ISOURCE − Source Current − mA
DAC Loaded with FFFh
0
50
100
150
200
250
300
350
400
0
512
1024 1536 2048 2560 3072 3584 4096
Digital Input Code
VDD = 5.5 V,
VREF = 4.096 V
VDD = 2.7 V,
VREF = 2.5 V
All Channels Powered, No Load
DAC7553
SLAS477 – SEPTEMBER 2005
TYPICAL CHARACTERISTICS (continued)
SINK CURRENT AT NEGATIVE RAIL
SOURCE CURRENT AT POSITIVE RAIL
Figure 10.
Figure 11.
SOURCE CURRENT AT POSITIVE RAIL
SUPPLY CURRENT
vs
DIGITAL INPUT CODE
Figure 12.
Figure 13.
9


유사한 부품 번호 - DAC7553IRGTR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC7553IRGTR TI-DAC7553IRGTR Datasheet
774Kb / 20P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC7553IRGTR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554 TI-DAC7554 Datasheet
1Mb / 21P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com